Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3245QE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3245QE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3245QE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3245QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3245QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3245QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3245QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3245QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.pericom.com
PS8162F
08/24/11
All trademarks are property of their respective owners.
PI3C3245
2.5V/3.3V, High Bandwidth,
Hot Insertion, 8-Bit, 2-Port, Bus Switch
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VCC
260
500
μA
ΔICC
Supply Current
per Input HIGH
VCC = Max.
VIN = 3.0V(3)
750
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control input only); A and B pins do not contribute to ΔICC.
Switching Characteristics over 3.3V Operating Range
Parameters Description
Test Conditions(1)
PI3C3245
Units
Com.
Min
Max
tPLH
tPHL
Propagation Delay(1,2)
Ax to Bx
CL = 50 pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BE to Ax or Bx
CL = 50 pF
RL = 500Ω
R = 500Ω
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
BE to Ax or Bx
1.5
5.5
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for
the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very
little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the
switch and its interaction with the load on the driven side.
Switching Characteristics over 2.5V Operating Range
Parameters Description
Test Conditions(1)
PI3C3245
Units
Com.
Min
Max
tPLH
tPHL
Propagation Delay(1,2)
Ax to Bx
CL = 50 pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BE to Ax or Bx
CL = 50 pF
RL = 500Ω
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Bus Disable Time
BE to Ax or Bx
1.5
8.3
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for
the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very
little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the
switch and its interaction with the load on the driven side.
11-0112


Similar Part No. - PI3C3245QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3245QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com