Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4013 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4013
Description  Dual D Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4013 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4013 Datasheet HTML 1Page - National Semiconductor (TI) CD4013 Datasheet HTML 2Page - National Semiconductor (TI) CD4013 Datasheet HTML 3Page - National Semiconductor (TI) CD4013 Datasheet HTML 4Page - National Semiconductor (TI) CD4013 Datasheet HTML 5Page - National Semiconductor (TI) CD4013 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4013BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIH
High Level
lIOl k 10 mA
Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Current (Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are measured one output at a time
AC Electrical Characteristics TA e 25 C CL e 50 pF RL e 200k unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL tPLH
Propagation Delay Time
VDD e 5V
200
350
ns
VDD e 10V
80
160
ns
VDD e 15V
65
120
ns
tTHL tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWH
Minimum Clock
VDD e 5V
100
200
ns
Pulse Width
VDD e 10V
40
80
ns
VDD e 15V
32
65
ns
tRCL tFCL
Maximum Clock Rise and
VDD e 5V
15
m
s
Fall Time
VDD e 10V
10
m
s
VDD e 15V
5
m
s
tSU
Minimum Set-Up Time
VDD e 5V
20
40
ns
VDD e 10V
15
30
ns
VDD e 15V
12
25
ns
fCL
Maximum Clock
VDD e 5V
25
5
MHz
Frequency
VDD e 10V
62
125
MHz
VDD e 15V
76
155
MHz
SET AND RESET OPERATION
tPHL(R)
Propagation Delay Time
VDD e 5V
150
300
ns
tPLH(S)
VDD e 10V
65
130
ns
VDD e 15V
45
90
ns
tWH(R)
Minimum Set and
VDD e 5V
90
180
ns
tWH(S)
Reset Pulse Width
VDD e 10V
40
80
ns
VDD e 15V
25
50
ns
CIN
Average Input Capacitance
Any Input
5
75
pF
AC Parameters are guaranteed by DC correlated testing
3


Similar Part No. - CD4013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4013 TI-CD4013 Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD4013 FAIRCHILD-CD4013 Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
logo
Intersil Corporation
CD4013 INTERSIL-CD4013 Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
List of Unclassifed Man...
CD4013 ETC2-CD4013 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
More results

Similar Description - CD4013

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC74 UTC-U74HC74_15 Datasheet
123Kb / 5P
   DUAL D FLIP-FLOP
logo
System Logic Semiconduc...
SL4013B SLS-SL4013B Datasheet
39Kb / 5P
   Dual D Flip-Flop
logo
National Semiconductor ...
MM54C74 NSC-MM54C74 Datasheet
120Kb / 6P
   Dual D Flip-Flop
logo
KODENSHI_AUK CORP.
KK4013B KODENSHI-KK4013B Datasheet
263Kb / 6P
   Dual D Flip-Flop
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com