Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK86 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK86
Description  Surface Mount Schottky-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK86 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK86 Datasheet HTML 1Page - Diotec Semiconductor SK86 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1)I
F = 8 A, TA = 25/C
2) Max. temperature of the terminals T
T = 100/C – Max. Temperatur der Anschlüsse TT = 100/C
3) Max. temperature of the terminals T
T = 85/C – Max. Temperatur der Anschlüsse TT = 85/C
1
7.5
±0.2
7.9
±0.2
1.2
Type
Typ
0.15
SK82 … SK810
Surface Mount
Schottky-Gleichrichter
Schottky-Rectifiers
für die Oberflächenmontage
Version 2004-07-29
Nominal current
8 A
Nennstrom
Repetitive peak reverse voltage
20…100 V
Periodische Spitzensperrspannung
Plastic case
~ SMC
Kunststoffgehäuse
~ DO-214AB
Weight approx. – Gewicht ca.
0.21 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspg.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
Forward voltage
Durchlaßspannung
V
F [V]
1)
SK82
20
20
< 0.55
SK83
30
30
< 0.55
SK84
40
40
< 0.55
SK85
50
50
< 0.68
SK86
60
60
< 0.68
SK88
80
80
< 0.83
SK810
100
100
< 0.83
Max. average forward rectified current, R-load
SK82...SK86
I
FAV
8 A
2)
Dauergrenzstrom in Einwegschaltung mit R-Last
SK88, SK810
I
FAV
8 A
3)
Repetitive peak forward current
f > 15 Hz
I
FRM
30 A
2)
Periodischer Spitzenstrom
Peak forward surge current, 50 / 60 Hz half sine-wave
T
A = 25/CIFSM
125 / 135 A
Stoßstrom für eine 50 / 60 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25/Ci
2t
78 A
2s
Grenzlastintegral, t < 10 ms


Similar Part No. - SK86

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK86 MCC-SK86 Datasheet
81Kb / 3P
   8 Amp Schottky Rectifier 20 to 100 Volts
logo
DONGGUAN YOU FENG WEI E...
SK86 YFWDIODE-SK86 Datasheet
89Kb / 2P
   Schottky rectifier
logo
Diotec Semiconductor
SK86 DIOTEC-SK86 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
logo
GOOD-ARK Electronics
SK86 GOOD-ARK-SK86 Datasheet
1Mb / 6P
   Surface Mount Schottky Rectifier
logo
Gaomi Xinghe Electronic...
SK86 GXELECTRONICS-SK86 Datasheet
228Kb / 1P
   8.0Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK86

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com