Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPP3180 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPP3180
Description  GaAs Push Pull Hybrid
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPP3180 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPP3180 Datasheet HTML 1Page - RF Micro Devices RFPP3180 Datasheet HTML 2Page - RF Micro Devices RFPP3180 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPP3180
GaAs Push Pull Hybrid
45MHz to 1218MHz
The RFPP3180 is a Hybrid Push Pull amplifier module. The
part employs GaAs die and is operated from 45MHz to
1218MHz. It provides excellent linearity and superior return
loss performance with low noise and optimal reliability.
INPUT
OUTPUT
V+
Package: SOT-115J
Features
■ Excellent Linearity
■ Superior Return Loss Performance
■ Extremely Low Distortion
■ Optimal Reliability
■ Extremely Low Noise
■ Unconditionally Stable Under All
Terminations
■ 34.0dB Min. Gain at 1218MHz
■ 280mA Max. at 24V
DC
Applications
■ 45MHz to 1.218GHz CATV
Amplifier Systems
■ DOCSIS 3.1 Applications
Ordering Information
RFPP3180
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
70
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +85
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPP3180


Similar Part No. - RFPP3180

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPP3180

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040280GT RFMD-S10040280GT Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
S8740280GT RFMD-S8740280GT Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040240P RFMD-S10040240P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com