Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPD3580 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPD3580
Description  GaAs/GaN Power Doubler Hybrid
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3580 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPD3580 Datasheet HTML 1Page - RF Micro Devices RFPD3580 Datasheet HTML 2Page - RF Micro Devices RFPD3580 Datasheet HTML 3Page - RF Micro Devices RFPD3580 Datasheet HTML 4Page - RF Micro Devices RFPD3580 Datasheet HTML 5Page - RF Micro Devices RFPD3580 Datasheet HTML 6Page - RF Micro Devices RFPD3580 Datasheet HTML 7Page - RF Micro Devices RFPD3580 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision DS20160304
- 4 of 8 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3580
RFMD + TriQuint = Qorvo
Power Supply Adjustment
The RFPD3580 can be operated at a power supply voltage V+ between 24V and 34V to provide maximum required linearity
performance at minimum power consumption. Maximum output capability can be adjusted between 73.8dBmV composite power
(= 58dBmV actual level at fmax equivalent to 64dBmV virtual level) at V+ = 24V and 76.8dBmV composite power (= 61dBmV
actual level at fmax equivalent to 67dBmV virtual level) at V+ = 34V under a pure digital loading (190 channels QAM256) with
22dB tilt.
Test Condition: TMB = 35°C; ZS = ZL = 75Ω, 22dB tilt, 190 digital channels (QAM256 ITU-T J.83 Annex B)
1,00E-10
1,00E-09
1,00E-08
1,00E-07
1,00E-06
1,00E-05
1,00E-04
1,00E-03
1,00E-02
1,00E-01
1,00E+00
71
72
73
74
75
76
77
78
79
Composite Power (dBmV)
Worst Case BER before RS
V+=24V
V+=28V
V+=34V
Limit
30,0
32,0
34,0
36,0
38,0
40,0
42,0
44,0
46,0
48,0
50,0
71
72
73
74
75
76
77
78
79
Composite Power (dBmV)
Worst Case MER (dB)
V+=24V
V+=28V
V+=34V


Similar Part No. - RFPD3580

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPD3580

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
   GaAs/GaN Power Doubler Hybrid
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com