Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCA3302 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFCA3302
Description  AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA3302 Datasheet(HTML) 4 Page - RF Micro Devices

  RFCA3302 Datasheet HTML 1Page - RF Micro Devices RFCA3302 Datasheet HTML 2Page - RF Micro Devices RFCA3302 Datasheet HTML 3Page - RF Micro Devices RFCA3302 Datasheet HTML 4Page - RF Micro Devices RFCA3302 Datasheet HTML 5Page - RF Micro Devices RFCA3302 Datasheet HTML 6Page - RF Micro Devices RFCA3302 Datasheet HTML 7Page - RF Micro Devices RFCA3302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFCA3302
DS120221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Linearity and Noise Figure Data (75
)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
31.8
168.05
304.3
440.55
576.8
713.05
849.3
985.55
Frequency (MHz)
Noise Figure versus Frequency
-40°C
85°C
25°C
0
5
10
15
20
25
40
50
500
1000
1200
Frequency (MHz)
Output P1dB versus Frequency
-40°C
25°C
85°C
0
5
10
15
20
25
30
35
40
45
40
50
500
1000
1200
Frequency (MHz)
Output IP3 versus Frequency
-40°C
25°C
85°C
0
10
20
30
40
50
60
70
40
50
500
1000
1200
Frequency (MHz)
Output IP2 versus Frequency
-40°C
25°C
85°C


Similar Part No. - RFCA3302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCA3306 RFMD-RFCA3306 Datasheet
197Kb / 8P
   High Linearity InGaP HBT MMIC Amplifier
More results

Similar Description - RFCA3302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
logo
Marki Microwave
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
logo
American Accurate Compo...
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
   Amplifier
logo
Mini-Circuits
ZFL-2HAD MINI-ZFL-2HAD Datasheet
267Kb / 2P
   Amplifier
ZFL-11AD MINI-ZFL-11AD Datasheet
210Kb / 2P
   Amplifier
ZFL-750 MINI-ZFL-750 Datasheet
207Kb / 2P
   Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com