Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE22A Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # P6KE22A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6KE22A Datasheet(HTML) 4 Page - Diotec Semiconductor

  P6KE22A Datasheet HTML 1Page - Diotec Semiconductor P6KE22A Datasheet HTML 2Page - Diotec Semiconductor P6KE22A Datasheet HTML 3Page - Diotec Semiconductor P6KE22A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
4
F:\Data\WP\DatBlatt\Einzelblätter\p6ke6.8.wpd
P6 KE 6.8 ... P6 KE 440CA, P6 KE 520C
1
The order of type numbers is graded to the international E 24 standard. The standard tolerance of
the breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5%.
e.g.: P6KE160CA = bidirectional diode, V
BR = 160 V (± 5%), VWM
$ 136 V at I
D = 5
:A
P6KE7.5A = unidirectional diode, V
BR = 7.5 V (± 5%), VWM
$ 6.4 V at I
D = 500
:A
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die
Toleranz der Arbeitsspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%.
Suffix “A” kennzeichnet eine Toleranz von ± 5%.
z.B.: P6KE160CA = bidirectionale Diode, V
BR = 160 V (± 5%), VWM
$ 136 V at I
D = 5
:A
P6KE7.5A = unidirectionale Diode, V
BR = 7.5 V (± 5%), VWM
$ 6.4 V at I
D = 500
:A


Similar Part No. - P6KE22A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE22A MOTOROLA-P6KE22A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
HY ELECTRONIC CORP.
P6KE22A HY-P6KE22A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Vishay Siliconix
P6KE22A VISHAY-P6KE22A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Galaxy Semi-Conductor H...
P6KE22A BILIN-P6KE22A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE22A SUNMATE-P6KE22A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
More results

Similar Description - P6KE22A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com