Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ14 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P6SMBJ14
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ14 Datasheet(HTML) 1 Page - Diotec Semiconductor

  P6SMBJ14 Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ14 Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ14 Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ14 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1) Non-repetitive current pulse see curve I
PPM = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
PPM = f (tr)
2) Unidirectional diodes only – nur für unidirektionale Dioden
3) Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluß
1
25.02.2003
P6 SMBJ 6.5 ... P6 SMBJ 170CA
Surface Mount
Unidirektionale und bidirektionale
unidirectional and bidirectional
Spannungs-Begrenzer-Dioden
Transient Voltage Suppressor Diodes
für die Oberflächenmontage
Pulse power dissipation – Impuls-Verlustleistung
600 W
Maximum stand-off voltage
6.5...170 V
Maximale Sperrspannung
Plastic case
~ SMB
Kunststoffgehäuse
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Suffix “C” or “CA” for bidirectional types
Suffix “C” oder “CA” für bidirektionale Typen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Peak pulse power dissipation (10/1000
:s waveform)
T
A = 25
/CP
PPM
600 W 1)
Impuls-Verlustleistung (Strom-Impuls 10/1000
:s)
Steady state power dissipation
T
T = 75
/CP
M(AV)
5 W
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
100 A 2)
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Max. instantaneous forward voltage
I
F = 25 A
V
F
< 3.0 V 2)
Augenblickswert der Durchlaßspannung
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C
Thermal resistance junction to ambient air
R
thA
< 60 K/W 3)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 15 K/W
Wärmewiderstand Sperrschicht – Anschluß


Similar Part No. - P6SMBJ14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ14 PANJIT-P6SMBJ14 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ14 CHENG-YI-P6SMBJ14 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ14 SURGE-P6SMBJ14 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ14 FRONTIER-P6SMBJ14 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ14 TRSYS-P6SMBJ14 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ14

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com