Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFE1D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part No. SFE1D
Description  Superfast Switching Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SFE1D Datasheet(HTML) 1 Page - Diotec Semiconductor

  SFE1D Datasheet HTML 1Page - Diotec Semiconductor SFE1D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
118
28.02.2002
SFE 1A … SFE 1M
Superfast Switching
Superschnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case MELF
DO-213AB
Kunststoffgehäuse MELF
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
SFE 1A
50
50
SFE 1B
100
100
SFE 1D
200
200
SFE 1G
400
400
SFE 1J
600
600
SFE 1K
800
800
SFE 1M
1000
1000
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
1 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
30 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
4,5 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+150
/C


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ER1A Superfast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
ER2A Superfast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
ER3A Superfast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
FR3A Fast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
RGL1A Fast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
US3A Ultrafast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
RGL34A Fast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
SA154 Fast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
SA261 Fast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor
EGL1A Ultrafast Switching Surface Mount Si-Rectifiers 1  2  Diotec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn