Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP60N10-16L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP60N10-16L
Description  N-Channel 100-V (D-S) 175C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP60N10-16L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP60N10-16L_16 Datasheet HTML 1Page - Vishay Siliconix SUP60N10-16L_16 Datasheet HTML 2Page - Vishay Siliconix SUP60N10-16L_16 Datasheet HTML 3Page - Vishay Siliconix SUP60N10-16L_16 Datasheet HTML 4Page - Vishay Siliconix SUP60N10-16L_16 Datasheet HTML 5Page - Vishay Siliconix SUP60N10-16L_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
D PWM Optimized
APPLICATIONS
D DC/DC Primary Side Switch
SUP60N10-16L
Vishay Siliconix
Document Number: 71928
S-03600—Rev. B, 31-Mar-03
www.vishay.com
1
N-Channel 100-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
100
0.016 @ VGS = 10 V
60
100
0.018 @ VGS = 4.5 V
56
D
G
S
N-Channel MOSFET
TO-220AB
Top View
GD S
DRAIN connected to TAB
SUP60N10-16L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)
TC = 25_C
ID
60
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
35
A
Pulsed Drain Current
IDM
100
A
Avalanche Current
IAR
40
Repetitive Avalanche Energya
L = 0.1 mH
EAR
80
mJ
Maximum Power Dissipationa
TC = 25_C
PD
150b
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (Free Air)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
1.0
_C/W
Notes
a.
Duty cycle
v 1%.
b.
See SOA curve for voltage derating.
c.
When mounted on 1” square PCB (FR-4 material).


Similar Part No. - SUP60N10-16L_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP60N10-16L VISHAY-SUP60N10-16L Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
logo
SHENZHEN DOINGTER SEMIC...
SUP60N10-16L DOINGTER-SUP60N10-16L Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SUP60N10-16L_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17 Datasheet
173Kb / 3P
   N-Channel 100-V (D-S) 175C MOSFET
09-Jun-04
SUD06N10-225L VISHAY-SUD06N10-225L Datasheet
61Kb / 4P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 17-Jul-00
SUD40N10-25 VISHAY-SUD40N10-25 Datasheet
62Kb / 4P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 14-Feb-00
SUM40N10-30 VISHAY-SUM40N10-30 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com