Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110N10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUM110N10
Description  N-Channel 100 V (D-S) 175 °C MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N10 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUM110N10 Datasheet HTML 1Page - Vishay Siliconix SUM110N10 Datasheet HTML 2Page - Vishay Siliconix SUM110N10 Datasheet HTML 3Page - Vishay Siliconix SUM110N10 Datasheet HTML 4Page - Vishay Siliconix SUM110N10 Datasheet HTML 5Page - Vishay Siliconix SUM110N10 Datasheet HTML 6Page - Vishay Siliconix SUM110N10 Datasheet HTML 7Page - Vishay Siliconix SUM110N10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 70677
S10-0644-Rev. G, 22-Mar-10
Vishay Siliconix
SUM110N10-09
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VDS = 0 V, ID = 250 µA
100
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2
4
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 125 °C
50
VDS = 100 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
120
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 30 A
0.0078
0.0095
Ω
VGS = 10 V, ID = 30 A, TJ = 125 °C
0.017
VGS = 10 V, ID = 30 A, TJ = 175 °C
0.025
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
25
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, f = 1 MHz
6700
pF
Output Capacitance
Coss
750
Reverse Transfer Capacitance
Crss
280
Total Gate Chargec
Qg
VDS = 50 V, VGS = 10 V, ID = 85 A
110
160
nC
Gate-Source Chargec
Qgs
24
Gate-Drain Chargec
Qgd
24
Gate Resistance
Rg
1.0
6.2
Ω
Turn-On Delay Timec
td(on)
VDD = 50 V, RL = 0.6 Ω
ID ≅ 85 A, VGEN = 10 V, Rg = 2.5 Ω
20
30
ns
Rise Timec
tr
125
200
Turn-Off Delay Timec
td(off)
55
85
Fall Timec
tf
130
195
Source-Drain Diode Ratings and Characteristics TC = 25 °C
b
Continuous Current
IS
110
A
Pulsed Current
ISM
240
Forward Voltagea
VSD
IF = 85 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 50 A, dI/dt = 100 A/µs
70
140
ns
Peak Reverse Recovery Charge
IRM(REC)
5.5
10
A
Reverse Recovery Charge
Qrr
0.19
0.35
µC


Similar Part No. - SUM110N10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
63Kb / 5P
   N-Channel 100-V (D-S) 200C MOSFET
Rev. C, 08-Dec-03
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
161Kb / 8P
   N-Channel 100 V (D-S) 175 MOSFET
Rev. G, 22-Mar-10
logo
Inchange Semiconductor ...
SUM110N10-09 ISC-SUM110N10-09 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
159Kb / 8P
   N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SUM110N10-09-E3 VISHAY-SUM110N10-09-E3 Datasheet
63Kb / 5P
   N-Channel 100-V (D-S) 200C MOSFET
Rev. C, 08-Dec-03
More results

Similar Description - SUM110N10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40N10-30 VISHAY-SUP40N10-30 Datasheet
98Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. C, 06-Aug-07
SUU50N10-18P VISHAY-SUU50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM34N10-35 VISHAY-SUM34N10-35 Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 03-Mar-03
SUD06N10-225L VISHAY-SUD06N10-225L_08 Datasheet
91Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. B, 20-Dec-04
SUD50N10-18P VISHAY-SUD50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM40N10-30 VISHAY-SUM40N10-30_08 Datasheet
115Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SIDR5102EP VISHAY-SIDR5102EP Datasheet
181Kb / 7P
   N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1101N VBSEMI-VBM1101N_V01 Datasheet
554Kb / 7P
   N-Channel 100-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17_08 Datasheet
113Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 02-Jun-08
SUP85N10-10 VISHAY-SUP85N10-10_06 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com