Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE16A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P4KE16A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4KE16A Datasheet(HTML) 1 Page - Diotec Semiconductor

  P4KE16A Datasheet HTML 1Page - Diotec Semiconductor P4KE16A Datasheet HTML 2Page - Diotec Semiconductor P4KE16A Datasheet HTML 3Page - Diotec Semiconductor P4KE16A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1) Non-repetitive current pulse see curve I
PPM = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
PPM = f (tr)
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3) Unidirectional diodes only – Nur für unidirektionale Dioden
1
07.01.2003
P4 KE 6.8 ... P4 KE 440CA
Unidirectional and bidirectional
Unidirektionale und bidirektionale
Transient Voltage Suppressor Diodes
Spannungs-Begrenzer-Dioden
Peak pulse power dissipation
400 W
Impuls-Verlustleistung
Nominal breakdown voltage
6.8...440 V
Nominale Abbruch-Spannung
Plastic case – Kunststoffgehäuse
DO-15 (DO-204AC)
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen.
Maximum ratings and Characteristics
Kenn- und Grenzwerte
Peak pulse power dissipation (10/1000
:s waveform)
T
A = 25
/CP
PPM
400 W 1)
Impuls-Verlustleistung (Strom-Impuls 10/1000
:s)
Steady state power dissipation
T
A = 25
/CP
M(AV)
1 W 2)
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
40 A 3)
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Max. instantaneous forward voltage
I
F = 25 A
V
BR
# 200 V
V
F
< 3.0 V 3)
Augenblickswert der Durchlaßspannung
V
BR > 200 V
V
F
< 6.5 V 3)
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C
Thermal resistance junction to ambient air
R
thA
< 45 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to lead
R
thL
< 15 K/W
Wärmewiderstand Sperrschicht – Anschlußdraht


Similar Part No. - P4KE16A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE16A DIOTECH-P4KE16A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE16A UNSEMI-P4KE16A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE16A PANJIT-P4KE16A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE16A ZOWIE-P4KE16A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
P4KE16A LITTELFUSE-P4KE16A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
More results

Similar Description - P4KE16A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com