Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9072A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9072A
Description  Low Dropout Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9072A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9072A Datasheet HTML 5Page - Richtek Technology Corporation RT9072A Datasheet HTML 6Page - Richtek Technology Corporation RT9072A Datasheet HTML 7Page - Richtek Technology Corporation RT9072A Datasheet HTML 8Page - Richtek Technology Corporation RT9072A Datasheet HTML 9Page - Richtek Technology Corporation RT9072A Datasheet HTML 10Page - Richtek Technology Corporation RT9072A Datasheet HTML 11Page - Richtek Technology Corporation RT9072A Datasheet HTML 12Page - Richtek Technology Corporation RT9072A Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9072A/B
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9072A/B-00
May
2016
www.richtek.com
9
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
Supply Voltage (V)
Current Limit vs. Supply Voltage
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0
10
20
30
40
50
60
70
80
Supply Voltage (V)
Output Voltage vs. Supply Voltage
IOUT = 0mA
IOUT = 0.1mA
IOUT = 1mA
IOUT = 20mA
Ground Current vs. Supply Voltage
0
100
200
300
400
500
600
700
800
900
1000
0
10
20
30
40
50
60
70
80
Supply Voltage (V)
IOUT = 0mA
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 20mA
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
Reverse Current vs. Temperature
V
IN = -80V
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
Dropout Voltage vs. Temperature
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 20mA
VOUT vs. VIN
Time (1msec/Div)
VIN (30V/Div)
VOUT (2V/Div)
IOUT = 20mA
COUT = 1μF
+80V
-80V


Similar Part No. - RT9072A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
   Low Dropout Voltage
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
   The RT9074 family are high voltage
RT9078 RICHTEK-RT9078 Datasheet
250Kb / 14P
   Low-Dropout Linear Regulator
More results

Similar Description - RT9072A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6218 LRC-LR6218_15 Datasheet
474Kb / 7P
   Low Dropout Voltage
LR6219 LRC-LR6219_15 Datasheet
386Kb / 6P
   Low Dropout Voltage
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
   Low Dropout Voltage
logo
Hotchip Technology Co.,...
AMS1117 HOTCHIP-AMS1117 Datasheet
879Kb / 9P
   Low Dropout Voltage
logo
Unisonic Technologies
LR1812G-XX-AF5-R UTC-LR1812G-XX-AF5-R Datasheet
243Kb / 6P
   Low Dropout Voltage
logo
Leshan Radio Company
LR6260 LRC-LR6260_15 Datasheet
425Kb / 8P
   Low Dropout Voltage
logo
Unisonic Technologies
LR1811G-XX-SH2-R UTC-LR1811G-XX-SH2-R Datasheet
218Kb / 6P
   Low Dropout Voltage
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com