Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C3126WE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C3126WE
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126WE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C3126WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126WE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PI3C3125/PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS8153H
10/25/07
PI3C3125/PI3C3126 Switching Characteristics over 3.3V Operating Range
Parameters Description
Conditions
PI3C3125/PI3C3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propogation Delay(1,2)
A to B, B to A
CL =50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL =50pF
RL = 500Ω
R = 500Ω
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
1.5
5.5
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus
switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.
PI3C3125/PI3C3126 Switching Characteristics over 2.5V Operating Range
Parameters Description
Conditions
PI3C3125/PI3C3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propogation Delay(1,2)
A to B, B to A
CL =50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL =50pF
RL = 500Ω
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Bus Disable Time
1.5
8.3
Notes:
1. This parameter is guaranteed but not tested on Propagation Delays.
2. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the
rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch
when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the
driven side.
07-0240


Similar Part No. - PI3C3126WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3126WE PERICOM-PI3C3126WE Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results

Similar Description - PI3C3126WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126 PERICOM-PI3C3126_10 Datasheet
685Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3126LEX PERICOM-PI3C3126LEX Datasheet
632Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Potato Semiconductor Co...
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com