Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE10 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P6KE10
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6KE10 Datasheet(HTML) 3 Page - Diotec Semiconductor

  P6KE10 Datasheet HTML 1Page - Diotec Semiconductor P6KE10 Datasheet HTML 2Page - Diotec Semiconductor P6KE10 Datasheet HTML 3Page - Diotec Semiconductor P6KE10 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1) Available only bidirectional version - nur bidirectionale Ausführung lieferbar
3
25.03.2003
P6 KE 6.8 ... P6 KE 440CA, P6 KE 520C
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at I
T = 1 mA
Abbruch-Spanng. bei I
T = 1 mA
*) at / bei I
T = 10 mA
Stand-off
voltage
Sperrspg.
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Max. clamping voltage
Max. Begrenzerspanng.
at / bei I
PPM (10/1000
:s)
V
BR [V]
V
WM [V]
I
D [
:A]
V
C [V]
I
PPM [A]
P6KE56
56 ± 10%
50.4...61.6
45.4
5
80.5
7.8
P6 KE56A
56 ± 5%
53.2...58.8
47.8
5
77.0
8.1
P6 KE62
62 ± 10%
55.8...68.8
50.2
5
89.0
7.0
P6 KE62A
62 ± 5%
58.9...65.1
53.0
5
85.0
7.4
P6 KE68
68 ± 10%
61.2...74.8
55.1
5
98.0
6.4
P6 KE68A
68 ± 5%
64.6...71.4
58.1
5
92.0
6.8
P6 KE75
75 ± 10%
67.5...82.5
60.7
5
108
5.8
P6 KE75A
75 ± 5%
71.3...78.8
64.1
5
103
6.1
P6 KE82
82 ± 10%
73.8...90.2
66.4
5
118
5.3
P6 KE82A
82 ± 5%
77.9...86.1
70.1
5
113
5.5
P6 KE91
91 ± 10%
81.9...100
73.7
5
131
4.8
P6 KE91A
91 ± 5%
86.5...95.5
77.8
5
125
5.0
P6 KE100
100 ± 10%
90.0...110
81.0
5
144
4.3
P6 KE100A
100 ± 5%
95.0...105
85.5
5
137
4.5
P6 KE110
110 ± 10%
99.0...121
89.2
5
158
3.9
P6 KE110A
110 ± 5%
105...116
94.0
5
152
4.1
P6 KE120
120 ± 10%
108...132
97.2
5
173
3.6
P6 KE120A
120 ± 5%
114...126
102
5
165
3.8
P6 KE130
130 ± 10%
117...143
105
5
187
3.3
P6 KE130A
130 ± 5%
124...137
111
5
179
3.5
P6 KE150
150 ± 10%
135...165
121
5
215
2.9
P6 KE150A
150 ± 5%
143...158
128
5
207
3.0
P6 KE160
160 ± 10%
144...176
130
5
230
2.7
P6 KE160A
160 ± 5%
152...168
136
5
219
2.8
P6 KE170
170 ± 10%
153...187
138
5
244
2.5
P6 KE170A
170 ± 5%
162...179
145
5
234
2.6
P6 KE180
180 ± 10%
162...198
146
5
258
2.4
P6 KE180A
180 ± 5%
171...189
154
5
246
2.5
P6 KE200
200 ± 10%
180...220
162
5
287
2.1
P6 KE200A
200 ± 5%
190...210
171
5
274
2.2
P6 KE220
220 ± 10%
198...242
175
5
344
1.8
P6 KE220A
220 ± 5%
209...231
185
5
328
1.9
P6 KE250
250 ± 10%
225...275
202
5
360
1.7
P6 KE250A
250 ± 5%
237...263
214
5
344
1.8
P6 KE300
300 ± 10%
270...330
243
5
430
1.4
P6 KE300A
300 ± 5%
285...315
256
5
414
1.5
P6 KE350
350 ± 10%
315...385
284
5
504
1.2
P6 KE350A
350 ± 5%
332...368
300
5
482
1.3
P6 KE400
400 ± 10%
360...440
324
5
574
1.0
P6 KE400A
400 ± 5%
380...420
342
5
548
1.1
P6 KE440
440 ± 10%
396...484
356
5
631
0.99
P6 KE440A
440 ± 5%
418...462
376
5
602
1.04
P6 KE520C 1)
520 ± 10%
470...570
423
5
745
0.81


Similar Part No. - P6KE10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE10 PANJIT-P6KE10 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P6KE10 SHUNYE-P6KE10 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6KE10 PANJIT-P6KE10 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Leshan Radio Company
P6KE10 LRC-P6KE10 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Microsemi Corporation
P6KE10 MICROSEMI-P6KE10 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE10

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com