Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B32X384BE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B32X384BE
Description  3.3V, 20-Bit, 2-Port NanoSwitch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B32X384BE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B32X384BE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B32X384BE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI3B32X384
3.3V, 20-Bit, 2-Port NanoSwitch™
3
PS836FF
12/04/06
Notes:
1. For Max. or Min. conditons, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at V
CC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to I
CC.
4. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A
and B inputs generate no significant AC or DC currents as they transition, This parameter is not tested, but is guaranteed by design.
PI3B32X384 Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply V
CC
and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
I
CC
Quiescent Power
V
CC = Max, VIN= GND or VCC
1.0
5.0
µA
ΔI
CC
Supply Current per
V
CC = Max, VIN = 3.0V(3)
——
750
µA
Parameters
Description
Conditions(2,3)
PI3B32x384
Units
Com.
Min.
Max.
t
PLH
t
PHL
Propogation Delay(2,3)
Ax to Bx, Bx to Ax
C
L = 50pF, RL = 500Ω
0.25
ns
t
PZH
t
PZL
Bus Enable Time
BE to Ax or Bx
C
L = 50pF, RL = 500Ω
R = 500
Ω
1.0
4.0
t
PHZ
t
PLZ
Bus Enable Time
BE to Ax or Bx
1.0
3.5
06-0312


Similar Part No. - PI3B32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X384BE PERICOM-PI3B32X384BE Datasheet
157Kb / 4P
   PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs
More results

Similar Description - PI3B32X384BE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com