Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4158 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A4158
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4158 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5A4158 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4158 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0006
PT0389-2
09/23/15
7
PI5A4158
Low Voltage SPDT 0.8Ω Analog Switch
Figure 7. Channel On Capacitance
Figure 8. Bandwidth
Figure 9. Harmonic Distortion
Signal
Generator
nBx
Ax
Sx
GND
VCC
VCC
10nF
Analyzer
600Ω
Logic Input
0Vor VIH
Signal
Generator
nBx
Ax
Sx
GND
VCC
VCC
10nF
Analyzer
50Ω
Logic Input
0Vor VIH
Logic Input
0V or VIH
Ax
Sx
GND
VCC
VCC
10nF
Capacitance
Meter
nBx
f=1MHz


Similar Part No. - PI5A4158

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157CEX PERICOM-PI5A4157CEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157TAEX PERICOM-PI5A4157TAEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4157ZUEX PERICOM-PI5A4157ZUEX Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results

Similar Description - PI5A4158

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com