Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4157 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5A4157
Description  Low Voltage SPDT 0.8(ohm) Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4157 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A4157 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A4157 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0005
PT0386-3
09/23/15
5
PI5A4157
Low Voltage SPDT 0.8Ω Analog Switch
Test Circuits and Timing Diagrams
Figure 1. Turn ON/OFF Timing
50Ω
35pF
Figure 2. Break Before Make Interval Timing


Similar Part No. - PI5A4157

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158ZAEX PERICOM-PI5A4158ZAEX Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results

Similar Description - PI5A4157

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC_15 Datasheet
311Kb / 9P
   SPDT 0.8 Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com