Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A3167CTAEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A3167CTAEX
Description  Low Voltage SPST 0.8(ohm) Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3167CTAEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A3167CTAEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3167CTAEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0004
PT0453-1
09/23/15
4
PI5A3167C
Low Voltage SPST 0.8Ω Analog Switch
Switch and AC Characteristics
(1)
Parameter
Description
Test Conditions
Supply Voltage
Min
Typ
Max
Units
t
ON
Turn on Time
See Figure 1
V
CC = 2.7V to 3.6V
-
3
8
ns
V
CC = 4.5V to 5.5V
-
2
6
t
OFF
Turn off Time
See Figure 1
V
CC = 2.7V to 3.6V
-
9
14
V
CC = 4.5V to 5.5V
-
5
7.5
Q
Charge
Injection
C
L = 1nF, VGEN = 0V,
R
GEN=0.
See Figure 2
V
CC = 5.0V
-
35
-
pC
V
CC = 3.3V
-
25
-
OIRR
Off Isolation
R
L=50, VGEN=0V,
R
GEN =0, f =1MHz.
See Figure 3
(2)
V
CC =1.65V to 5.5V
-
-70
-
dB
f3dB
–3dB Bandwidth
See Figure 6
V
CC =1.65V to 5.5V
-
200
-
MHz
T
HD
Total Harmonic
Distortion
R
L=600Ω, VIN=0.5Vpp,
f=20Hz to 20kHz
See Figure 7
V
CC =2.7V to 4.2V
-
0.015
-
%
Notes:
1. Guaranteed by design.
2. Off Isolation = 20 Log
10[VB/VA] and is measured in dB.


Similar Part No. - PI5A3167CTAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166CEX PERICOM-PI5A3166CEX Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3166TAEX PERICOM-PI5A3166TAEX Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results

Similar Description - PI5A3167CTAEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com