Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A3158B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A3158B
Description  Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3158B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A3158B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3158B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-02-0003
PT0354-3
07/02/15
4
PI5A3158B
Low Voltage Dual SPDT Analog Switch
2: 1 Mux/Demux Bus Switch
Capacitance
(1)
(TA = 25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
CIN
Control Input
VCC = 5.0V
-
2.5
-
pF
CIO-B
For B Port, Switch OFF
VCC = 5.0V, f =1 MHz
(1)
-
5.0
-
CIOA-ON
For A Port, Switch ON
-
15.0
-
Notes:
1. Capacitance is characterized but not tested in production
Switch and AC Characteristics
(1)
Parameter
Description
Test Conditions
Supply
Voltage
Temperature
(T
A: º
C)
Min Typ Max Units
t
PLH
t
PHL
Propagation
Delay:A to Bn
See test circuit diagrams 1
and 2. V
I Open
(2)
V
CC =2.3V to 2.7V
–40 to 85°C
-
0.7
-
ns
V
CC =3.0V to 3.6V
-
0.6
-
V
CC =4.5V to 5.5V
-
0.4
-
t
PZL
t
PZH
Output Enable Turn
ON Time:
A to Bn
See test circuit diagrams 1
& 2.
V
I=2VCC for tPZL,
V
I=0V for tPZH
V
CC =1.65V to 1.95V
-40 to 85°C
-
9
-
V
CC =2.3V to 2.7V
-
5
-
V
CC =3.0V to 3.6V
-
3
-
V
CC =4.5V to 5.5V
-
2
-
t
PLZ
t
PHZ
Output Disable Turn
OFF Time:A to Bn
See test circuit diagrams 1
and 2.
V
I =2VCC for tPLZ,
V
I =0V for tPHZ
V
CC =1.65V to 1.95V
-40 to 85°C
-
9
-
V
CC =2.3V to 2.7V
-
6
-
V
CC =3.0V to 3.6V
-
5
-
V
CC =4.5V to 5.5V
-
3
-
t
BM
Break Before
Make Time
See test circuit diagram 3.
V
CC =1.65V to 1.95V
-40 to 85°C
0.5
-
-
V
CC =2.3V to 2.7V
0.5
-
-
V
CC =3.0V to 3.6V
0.5
-
-
V
CC =4.5V to 5.5V
0.5
-
-
Q
Charge
Injection
C
L=0.1nF, VGEN=0V,
R
GEN
=0
See test circuit 4.
V
CC = 5.0V
25°C
-
5
-
pC
V
CC = 3.3V
-
4
-
OIRR
Off Isolation
R
L=50, VGEN=0V, RGEN
=0, f =10MHz.
See test circuit 5. (3)
V
CC =1.65V to 5.5V
25°C
-
-63
-
dB
X
TALK
Crosstalk Isolation
See test circuit 6. (4)
V
CC =1.65V to 5.5V
25°C
-
-64
-
f3dB
–3dB Bandwidth
See test circuit 9
V
CC =1.65V to 5.5V
25°C
-
350
-
MHz
Notes:
1. Guaranteed by design.
2. The device contributes no other propagation delay other than the RC delay of the switch ON resistance and the 50pF load capacitance,
when driven by an ideal voltage source with zero output impedance.
3. Off Isolation = 20 Log10 [ VBn/VA ] and is measured in dB.
4. Crosstalk Isolation = 20 Log10 [ VB1/VB0 ] and is measured in dB.


Similar Part No. - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZA PERICOM-PI5A3158ZA Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3158ZAE PERICOM-PI5A3158ZAE Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5A3158B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com