Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB223ZMEX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3USB223ZMEX
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223ZMEX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3USB223ZMEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
All trademarks are property of their respective owners.
Figure 9. Bandwidth
10nF
GND
Logic Input
0V or VIH
VDD
VDD
50Ω
Signal
Generator
50Ω
ANALYZER
L/D
V
bus
V/D
15-0127


Similar Part No. - PI3USB223ZMEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB221 PERICOM-PI3USB221 Datasheet
1Mb / 12P
   High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
More results

Similar Description - PI3USB223ZMEX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com