Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ65 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P6SMBJ65
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ65 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P6SMBJ65 Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ65 Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ65 Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ65 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
F:\Data\WP\DatBlatt\Einzelblätter\p6smbj6.5.wpd
P6 SMBJ 6.5 ... P6 SMBJ 170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
P6 SMBJ 6.5
6.5
500
7.2 *)
8.8 *)
12.3
48.8
P6 SMBJ 6.5A
6.5
500
7.2 *)
8.0 *)
11.2
53.6
P6 SMBJ 7.0
7.0
200
7.8 *)
9.5 *)
13.3
45.1
P6 SMBJ 7.0A
7.0
200
7.8 *)
8.7 *)
12.0
50.0
P6 SMBJ 7.5
7.5
100
8.3
10.1
14.3
42.0
P6 SMBJ 7.5A
7.5
100
8.3
9.2
12.9
46.5
P6 SMBJ 8.0
8.0
50
8.9
10.9
15.0
40.0
P6 SMBJ 8.0A
8.0
50
8.9
9.9
13.6
44.1
P6 SMBJ 8.5
8.5
10
9.4
11.5
15.9
37.7
P6 SMBJ 8.5A
8.5
10
9.4
10.4
14.4
41.7
P6 SMBJ 9.0
9.0
5
10.0
12.2
16.9
35.5
P6 SMBJ 9.0A
9.0
5
10.0
11.1
15.4
39.0
P6 SMBJ 10
10
5
11.1
13.5
18.8
31.9
P6 SMBJ 10A
10
5
11.1
12.3
17.0
35.3
P6 SMBJ 11
11
5
12.2
14.9
20.1
29.9
P6 SMBJ 11A
11
5
12.2
13.5
18.2
33.0
P6 SMBJ 12
12
5
13.3
16.2
22.0
27.3
P6 SMBJ 12A
12
5
13.3
14.8
19.9
30.2
P6 SMBJ 13
13
5
14.4
17.6
23.8
25.2
P6 SMBJ 13A
13
5
14.4
16.0
21.5
27.9
P6 SMBJ 14
14
5
15.6
19.0
25.8
23.3
P6 SMBJ 14A
14
5
15.6
17.3
23.2
25.9
P6 SMBJ 15
15
5
16.7
20.4
26.9
22.3
P6 SMBJ 15A
15
5
16.7
18.6
24.4
24.6
P6 SMBJ 16
16
5
17.8
21.7
28.8
20.8
P6 SMBJ 16A
16
5
17.8
19.8
26.0
23.1
P6 SMBJ 17
17
5
18.9
23.1
30.5
19.7
P6 SMBJ 17A
17
5
18.9
21.0
27.6
21.7
P6 SMBJ 18
18
5
20.0
24.4
32.2
18.6
P6 SMBJ 18A
18
5
20.0
22.2
29.2
20.5
P6 SMBJ 20
20
5
22.2
27.1
35.8
16.8
P6 SMBJ 20A
20
5
22.2
24.6
32.4
18.5
P6 SMBJ 22
22
5
24.4
29.8
39.4
15.2
P6 SMBJ 22A
22
5
24.4
27.1
35.5
16.9
P6 SMBJ 24
24
5
26.7
32.6
43.0
14.0
P6 SMBJ 24A
24
5
26.7
29.6
38.9
15.4
P6 SMBJ 26
26
5
28.9
35.3
46.6
12.9
P6 SMBJ 26A
26
5
28.9
32.1
42.1
14.3
P6 SMBJ 28
28
5
31.1
37.9
50.0
12.0
P6 SMBJ 28A
28
5
31.1
34.5
45.4
13.2
P6 SMBJ 30
30
5
33.3
40.1
53.5
11.2
P6 SMBJ 30A
30
5
33.3
36.9
48.4
12.4
P6 SMBJ 33
33
5
36.7
44.8
59.0
10.2
P6 SMBJ 33A
33
5
36.7
40.7
53.3
11.3


Similar Part No. - P6SMBJ65

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6SMBJ65

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com