Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB14-AQE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3USB14-AQE
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14-AQE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3USB14-AQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14-AQE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS9055
11/23/10
PI3USB14-A
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMuxwith Single Enable
Applications Information
Logic Inputs
Power Supply-Sequencing
Proper power supply sequencing is recommended for all CMOS devices. Always apply VDD before applying signals to the input/
output or control pins.
Packaging Mechanical: 16-pin QSOP (Q)
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
.008
0.203
.015 x 45°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
DESCRIPTION: 16-Pin 150-Mil Wide QSOP
PACKAGE CODE: Q
DOCUMENT CONTROL NO.
PD - 1201
REVISION: G
DATE: 11/07/07
Note:
1) Controlling dimensions in inches.
2) Ref: JEDEC MO-137B/AB.
3) Dimensions do not include mold flash, protrusions or gate burrs
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
The logic control inputs can be driven up to 3.6V regardless of the supply voltage. For example, given a +3.3V supply, EN maybe
driven LOW to 0V and HIGH to 3.6V. Driving EN Rail-to-Rail® minimizes power consumption.
11-0013


Similar Part No. - PI3USB14-AQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14L PERICOM-PI3USB14L Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14LE PERICOM-PI3USB14LE Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14Q PERICOM-PI3USB14Q Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14QE PERICOM-PI3USB14QE Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results

Similar Description - PI3USB14-AQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com