Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV341IDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV341IDBVR
Description  Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341IDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV341IDBVR Datasheet HTML 6Page - Texas Instruments TLV341IDBVR Datasheet HTML 7Page - Texas Instruments TLV341IDBVR Datasheet HTML 8Page - Texas Instruments TLV341IDBVR Datasheet HTML 9Page - Texas Instruments TLV341IDBVR Datasheet HTML 10Page - Texas Instruments TLV341IDBVR Datasheet HTML 11Page - Texas Instruments TLV341IDBVR Datasheet HTML 12Page - Texas Instruments TLV341IDBVR Datasheet HTML 13Page - Texas Instruments TLV341IDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
VO − Output Voltage − V
−3
−2
−1
0
1
2
3
V+ /GND = ±2.5 V
RL = 2 k
RL = 10 k
−300
−200
−100
0
100
200
300
VO − Output Voltage − V
−1.5
−1
−0.5
0
0.5
1
1.5
V+ /GND = ±1.35 V
RL = 2 k
RL = 10 k
−300
−200
−100
0
100
200
300
−0.2
0.8
1.8
2.8
3.8
4.8
5.8
VIC − Common-Mode Voltage − V
V+ = 5 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40 C
°
25 C
°
85 C
°
125 C
°
−0.2
0.8
1.8
2.8
VIC − Common-Mode Voltage − V
V+ = 2.7 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40 C
°
25 C
°
85 C
°
125 C
°
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125 C
°
−40 C
°
85 C
°
25 C
°
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125 C
°
−40 C
°
85 C
°
25 C
°
0.01
0.1
1
10
100
1000
10
TLV341, TLV341A, TLV342, TLV342S
SLVS568D – JANUARY 2005 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV341 TLV341A TLV342 TLV342S
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Sink Current vs
Output Voltage
Figure 8. Sink Current vs
Output Voltage
Figure 9. Offset Voltage vs
Common-Mode Voltage
Figure 10. Offset Voltage vs
Common-Mode Voltage
Figure 11. Input Voltage vs Output Voltage
Figure 12. Input Voltage vs
Output Voltage


Similar Part No. - TLV341IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341IDBVR TI-TLV341IDBVR Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341IDBVR TI-TLV341IDBVR Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341IDBVR TI-TLV341IDBVR Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341IDBVR TI-TLV341IDBVR Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341IDBVR TI-TLV341IDBVR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV341IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com