Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199C1QDCKRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA199C1QDCKRQ1
Description  Current-Shunt Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199C1QDCKRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  INA199C1QDCKRQ1 Datasheet HTML 1Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 2Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA199C1QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
INA199-Q1
SBOS781A – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: INA199-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-002(1)
±1000
Machine model (MM)
±100
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
VS
Operating supply voltage (applied to V+)
5
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
INA199-Q1
UNIT
DCK (SC70)
6 PINS
RθJA
Junction-to-ambient thermal resistance
227.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.5
°C/W
RθJB
Junction-to-board thermal resistance
72.1
°C/W
ψJT
Junction-to-top characterization parameter
3.6
°C/W
ψJB
Junction-to-board characterization parameter
70.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - INA199C1QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199C1DCKR TI1-INA199C1DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C1DCKT TI1-INA199C1DCKT Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C1RSWR TI1-INA199C1RSWR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199C1RSWT TI1-INA199C1RSWT Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199C1QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com