Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC6311IDCKTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311IDCKTG4
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6311IDCKTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC6311IDCKTG4 Datasheet HTML 7Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 8Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 9Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 10Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 11Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 12Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 13Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 14Page - Texas Instruments DAC6311IDCKTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Time(500ns/div)
AV
=5V
ClockFeedthroughImpulse~0.5nV-s
DD
Time(2s/div)
3mV
PP
AV
=5V,
DD
DAC=Midscale,NoLoad
0
20
-40
-60
-80
-100
-120
-140
20
5
10
15
0
Frequency(kHz)
AV
=5V,
DD
f
=1kHz,f =225kSPS,
OUT
S
MeasurementBandwidth=20kHz
300
250
200
150
100
50
0
100k
10
100
1k
10k
Frequency(Hz)
AV
=5V
DD
Midscale
FullScale
ZeroScale
-20
-40
-60
-80
-100
5
4
3
2
1
0
f
(kHz)
OUT
THD
2ndHarmonic
3rdHarmonic
AV
DD
S
=5V,f =225kSPS,
-1dBFSRDigitalInput,
MeasurementBandwidth=20kHz
102
94
86
78
70
5
4
3
2
1
0
f
(kHz)
OUT
AV
DD
S
=5V,f =225kSPS,
-1dBFSRDigitalInput,
MeasurementBandwidth=20kHz
DAC5311, DAC6311, DAC7311
www.ti.com
SBAS442C – AUGUST 2008 – REVISED JULY 2015
Typical Characteristics: AVDD = 5 V (continued)
at TA = 25°C, AVDD = 5 V, and DAC loaded with midscale code (unless otherwise noted)
Figure 20. Total Harmonic Distortion vs Output Frequency
Figure 21. Signal-to-Noise Ratio vs Output Frequency
Figure 22. Power Spectral Density
Figure 23. DAC Output Noise Density vs Frequency
Figure 24. DAC Output Noise, 0.1-Hz to 10-Hz Bandwidth
Figure 25. Clock Feedthrough, 5-V, 2-MHz, Midscale
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC5311 DAC6311 DAC7311


Similar Part No. - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6311IDCKTG4 TI1-DAC6311IDCKTG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC6311IDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com