Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98722 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM98722
Description  Channel, 16-Bit, 45 MSPS Analog Front End
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98722_15 Datasheet HTML 3Page - Texas Instruments LM98722_15 Datasheet HTML 4Page - Texas Instruments LM98722_15 Datasheet HTML 5Page - Texas Instruments LM98722_15 Datasheet HTML 6Page - Texas Instruments LM98722_15 Datasheet HTML 7Page - Texas Instruments LM98722_15 Datasheet HTML 8Page - Texas Instruments LM98722_15 Datasheet HTML 9Page - Texas Instruments LM98722_15 Datasheet HTML 10Page - Texas Instruments LM98722_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
6.4 Thermal Information
TSSOP
THERMAL METRIC(1)
UNIT
56 TERMINALS
RθJA
Junction-to-ambient thermal resistance
<66
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
The following specifications apply for VA = VD = VC = 3.3 V, CL = 10 pF, and fINCLK = 15 MHz unless otherwise specified. All
other limits TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2) MAX(1)(3)
UNIT
CMOS DIGITAL INPUT DC SPECIFICATIONS (RESETb, SH_R, SCLK, SENb)
VIH
Logical “1” Input Voltage
2.0
V
VIL
Logical “0” Input Voltage
0.8
V
VIHYST
Logic Input Hysteresis
0.6
VIH = VD:
RESET, SEN
100
nA
IIH
Logical “1” Input Current
SH_R, SCLK, SDI, CAL
65
μA
CE
30
VIL = DGND
RESET, SEN,
-65
μA
IIL
Logical “0” Input Current
SH_R, SCLK, SDI, CAL
-100
nA
CE
-30
μA
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (SH1 to SH5, RS, CP, PHIA, PHIB, PHIC)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
3.0
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.21
V
VOUT = DGND
18
IOS
Output Short Circuit Current
mA
VOUT= VD
-25
VOUT = DGND
20
CMOS Output TRI-STATE
IOZ
nA
Current
VOUT = VD
-25
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (CMOS DATA OUTPUTS)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
2.3
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.12
V
VOUT = DGND
12
IOS
Output Short Circuit Current
mA
VOUT= VD
-14
VOUT = DGND
20
CMOS Output TRI-STATE
IOZ
nA
Current
VOUT = VD
-25
(1)
Test limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(3)
The analog inputs are protected as shown in Figure 1. Input voltage magnitudes beyond the supply rails will not damage the device,
provided the current is limited per Note 4 under the Absolute Maximum Ratings table. However, input errors will be generated If the
input goes above VA and below AGND.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98722


Similar Part No. - LM98722_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results

Similar Description - LM98722_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
[Old version datasheet]   ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com