Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199B3QDCKRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA199B3QDCKRQ1
Description  Current-Shunt Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199B3QDCKRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA199B3QDCKRQ1 Datasheet HTML 2Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 3Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 4Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 5Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 6Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 7Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 8Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 9Page - Texas Instruments INA199B3QDCKRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
V+
(V+)
0.5
-
(V+)
1
-
(V+)
1.5
-
(V+)
2
-
(V+)
2.5
-
(V+)
3
-
GND + 3
GND + 2.5
GND + 2
GND + 1.5
GND + 1
GND + 0.5
GND
0
5
10
15
20
Output Current (mA)
25
30
35
40
V = 2.7 V
S
to 26 V
V = 2.7 V to 26 V
S
V = 5 V to 26 V
S
V = 2.7 V
S
T = 40 C
-
°
A
T = +25 C
°
A
T = +105 C
°
A
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
G = 50
G = 200
G = 100
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
100
1k
10k
Temperature ( C)
°
20
15
10
5
0
5
10
15
20
-
-
-
-
-50
-25
125
0
25
50
75
100
Temperature ( C)
°
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-50
-25
125
0
25
50
75
100
6
INA199-Q1
SBOS781A – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: INA199-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.6 Typical Characteristics
performance measured with the INA199B3-Q1 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2 (unless otherwise
noted)
Figure 1. Offset Voltage vs Temperature
Figure 2. Common-Mode Rejection Ratio vs Temperature
VCM = 0 V, VDIF = 15-mVPP sine
Figure 3. Gain vs Frequency
VS = 5 V + 250-mV sine disturbance, VCM = 0 V, VDIF = shorted,
VREF = 2.5 V
Figure 4. Power-Supply Rejection Ratio vs Frequency
VS = 5 V, VCM = 1-V sine, VDIF = shorted, VREF = 2.5 V
Figure 5. Common-Mode Rejection Ratio vs Frequency
Figure 6. Output Voltage Swing vs Output Current


Similar Part No. - INA199B3QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B3 TI1-INA199B3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3 TI-INA199B3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3 TI1-INA199B3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA199B3DCKR TI-INA199B3DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3DCKR TI1-INA199B3DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199B3QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com