Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA199-Q1
Description  Current-Shunt Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  INA199-Q1 Datasheet HTML 1Page - Texas Instruments INA199-Q1 Datasheet HTML 2Page - Texas Instruments INA199-Q1 Datasheet HTML 3Page - Texas Instruments INA199-Q1 Datasheet HTML 4Page - Texas Instruments INA199-Q1 Datasheet HTML 5Page - Texas Instruments INA199-Q1 Datasheet HTML 6Page - Texas Instruments INA199-Q1 Datasheet HTML 7Page - Texas Instruments INA199-Q1 Datasheet HTML 8Page - Texas Instruments INA199-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
INA199-Q1
www.ti.com
SBOS781A – MARCH 2016 – REVISED MAY 2016
Product Folder Links: INA199-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
(2)
See typical characteristic curve, Output Voltage Swing vs Output Current (Figure 6).
7.5 Electrical Characteristics
at TA = 25°C, VS = 5 V, VIN+ = 12 V, VSENSE = VIN+ – VIN–, and VREF = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
TA = –40°C to +125°C
–0.1
26
V
CMR
Common-mode rejection
VIN+ = 0 V to 26 V, VSENSE = 0 mV,
TA = –40°C to +125°C
100
120
dB
VOS
Offset voltage, RTI(1)
VSENSE = 0 mV
±5
±150
μV
dVOS/dT
VOS vs temperature
TA = –40°C to +125°C
0.1
0.5
μV/°C
PSR
Power-supply rejection
VS = 2.7 V to 18 V,
VIN+ = 18 V, VSENSE = 0 mV
±0.1
μV/V
IB
Input bias current
VSENSE = 0 mV
28
μA
IOS
Input offset current
VSENSE = 0 mV
±0.02
μA
OUTPUT
G
Gain
INA199B1-Q1
50
V/V
INA199B2-Q1
100
INA199B3-Q1
200
Gain error
VSENSE = –5 mV to 5 mV,
TA = –40°C to +125°C
±0.03%
±1.5%
Gain error vs temperature
TA = –40°C to +125°C
3
10
ppm/°C
Nonlinearity error
VSENSE = –5 mV to 5 mV
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(2)
Swing to V+ power-supply rail
RL = 10 kΩ to GND,
TA = –40°C to +125°C
(V+) –
0.05
(V+) –
0.2
V
Swing to GND
RL = 10 kΩ to GND,
TA = –40°C to +125°C
(VGND) +
0.005
(VGND) +
0.05
V
FREQUENCY RESPONSE
GBW
Bandwidth
CLOAD = 10 pF, INA199B1-Q1
80
kHz
CLOAD = 10 pF, INA199B2-Q1
30
CLOAD = 10 pF, INA199B3-Q1
14
SR
Slew rate
0.4
V/µs
NOISE, RTI (1)
Voltage noise density
25
nV/
√Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to +125°C
2.7
26
V
IQ
Quiescent current
VSENSE = 0 mV
65
100
µA
IQ over temperature
TA = –40°C to +125°C
115
µA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–40
125
°C
θJA
Thermal resistance, SC70
250
°C/W


Similar Part No. - INA199-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI-INA199A1 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
More results

Similar Description - INA199-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com