Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7551-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC7551-Q1
Description  12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7551-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7551-Q1_15 Datasheet HTML 7Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 8Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 9Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 10Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 11Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 12Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 13Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 14Page - Texas Instruments DAC7551-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DAC
Register
REF(+)
Resistor String
REF( )
-
V
H
REF
V
OUT
50 kW
100 kW
100 kW
V
FB
V
L
REF
_
+
Interface
Logic
Shift
Register
DAC
Register
String
DAC
Power-Down
Logic
Power-On
Reset
V
DD
IOV
DD
V
H
REF
V
FB
V
OUT
V
L
REF
GND
CLR
SDO
SDIN
SYNC
SCLK
DAC7551-Q1
www.ti.com
SLAS767B – JUNE 2011 – REVISED MARCH 2015
7 Detailed Description
7.1 Overview
The DAC7551-Q1 device is a 12-bit resistor-string digital-to-analog converter (DAC). Unbuffered external
reference inputs allow for a positive voltage reference as low as 0.25 V and as high as VDD. An amplifier-
feedback input is available for better DC accuracy at the load point. The device is controlled over a 16-bit word
three-wire serial peripheral interface (SPI) up to 50 MHz with an option to daisy-chain multiple devices. An
asynchronous clear function along with power-down features allows for software controlled resets and low-power
consumption. A separate logic-supply input means the device can be used with different logic families across a
wide range of supply voltages.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Digital-to-Analog Converter
The architecture of the DAC7551-Q1 device consists of a string DAC followed by an output buffer amplifier.
Figure 26 shows a generalized block diagram of the DAC architecture.
Figure 26. Typical DAC Architecture
The input coding to the DAC7551-Q1 device is unsigned binary, which gives the ideal output voltage as show in
Equation 1.
VOUT = 2 × VREFL + (VREFH – VREFL) × D / 4096
where
D is the decimal equivalent of the binary code that is loaded to the DAC register, which ranges from 0 to 4095.
(1)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC7551-Q1


Similar Part No. - DAC7551-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7551-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com