Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0720401VXC Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0720401VXC
Description  Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0720401VXC Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-0720401VXC Datasheet HTML 4Page - Texas Instruments 5962-0720401VXC Datasheet HTML 5Page - Texas Instruments 5962-0720401VXC Datasheet HTML 6Page - Texas Instruments 5962-0720401VXC Datasheet HTML 7Page - Texas Instruments 5962-0720401VXC Datasheet HTML 8Page - Texas Instruments 5962-0720401VXC Datasheet HTML 9Page - Texas Instruments 5962-0720401VXC Datasheet HTML 10Page - Texas Instruments 5962-0720401VXC Datasheet HTML 11Page - Texas Instruments 5962-0720401VXC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DAC5675A-SP
SGLS387G – JULY 2007 – REVISED MARCH 2015
www.ti.com
7.6 AC Electrical Characteristics (Unchanged After 100 kRad)
over operating junction temperature range, typical values at 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IO(FS) = 20 mA, differential
transformer-coupled output, 50-
Ω doubly-terminated load (unless otherwise noted)
5962-0720401
5962-0720402
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG OUTPUT
ƒCLK
Output update rate
400
400
MSPS
ts(DAC)
Output setting time
ns
Transition: code x2000 to x23FF
12
12
to 0.1%
tPD
Output propagation
ns
1
1
delay
tr(IOUT)
Output rise time,
ps
300
300
10% to 90%
tf(IOUT)
Output fall time,
ps
300
300
90% to 10%
IOUTFS = 20 mA
55
55
Output noise
pA/
√Hz
IOUTFS = 2 mA
30
30
AC LINEARITY
ƒCLK = 100 MSPS, ƒOUT = 19.9 MHz
70
70
ƒCLK = 160 MSPS, ƒOUT = 41 MHz
72
72
ƒCLK = 200 MSPS, ƒOUT = 70 MHz
68
68
Total harmonic
THD
ƒOUT = 20.0 MHz
60
68
62
68
dBc
distortion
ƒCLK =
ƒOUT = 20.0 MHz, for TMIN
57
57
400
ƒOUT = 70 MHz
67
67
MSPS
ƒOUT = 140 MHz
55
55
ƒCLK = 100 MSPS, ƒOUT = 19.9 MHz
70
70
ƒCLK = 160 MSPS, ƒOUT = 41 MHz
73
73
ƒCLK = 200 MSPS, ƒOUT = 70 MHz
70
70
Spurious-free
SFDR
dynamic range to
ƒOUT = 20.0 MHz
62
68
63
68
dBc
Nyquist
ƒCLK =
ƒOUT = 20.0 MHz, for TMIN
61
61
400
ƒOUT = 70 MHz
69
69
MSPS
ƒOUT = 140 MHz
56
56
ƒCLK = 100 MSPS, ƒOUT = 19.9 MHz
82
82
ƒCLK = 160 MSPS, ƒOUT = 41 MHz
77
77
Spurious-free
ƒCLK = 200 MSPS, ƒOUT = 70 MHz
82
82
dynamic range
SFDR
dBc
within a window, 5
ƒOUT = 20.0 MHz
82
82
ƒCLK =
MHz span
400
ƒOUT = 70 MHz
82
82
MSPS
ƒOUT = 140 MHz
75
75
Signal-to-noise
SNR
ƒCLK = 400 MSPS, ƒOUT = 20.0 MHz
60
67
60
67
dBc
ratio
ƒCLK = 122.88 MSPS, IF = 30.72 MHz,
Adjacent channel
73
73
see Figure 9
power ratio WCDM
ACPR
A with 3.84 MHz
ƒCLK = 245.76 MSPS, IF = 61.44 MHz,
71
71
dB
BW, 5 MHz
ƒCLK = 399.36 MSPS, IF = 153.36 MHz,
65
65
channel spacing
see Figure 11
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC5675A-SP


Similar Part No. - 5962-0720401VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0720401VXC TI1-5962-0720401VXC Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - 5962-0720401VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com