Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5311IDCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5311IDCKR
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5311IDCKR Datasheet(HTML) 1 Page - Texas Instruments

  DAC5311IDCKR Datasheet HTML 1Page - Texas Instruments DAC5311IDCKR Datasheet HTML 2Page - Texas Instruments DAC5311IDCKR Datasheet HTML 3Page - Texas Instruments DAC5311IDCKR Datasheet HTML 4Page - Texas Instruments DAC5311IDCKR Datasheet HTML 5Page - Texas Instruments DAC5311IDCKR Datasheet HTML 6Page - Texas Instruments DAC5311IDCKR Datasheet HTML 7Page - Texas Instruments DAC5311IDCKR Datasheet HTML 8Page - Texas Instruments DAC5311IDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Power-On
Reset
DAC
Register
8-/10-/12-Bit
DAC
Output
Buffer
InputControl
Logic
Power-Down
ControlLogic
Resistor
Network
SYNC SCLK
D
IN
AV
DD
GND
V
OUT
REF(+)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
DAC5311, DAC6311, DAC7311
SBAS442C – AUGUST 2008 – REVISED JULY 2015
DACx311 2-V to 5.5-V, 80-µA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
Digital-to-Analog Converters in SC70 Package
1 Features
3 Description
The
DAC5311
(8-bit),
DAC6311
(10-bit),
and
1
Relative Accuracy:
DAC7311 (12-bit) devices are low-power, single-
0.25 LSB INL (DAC5311: 8-Bit)
channel, voltage output digital-to-analog converters
0.5 LSB INL (DAC6311: 10-Bit)
(DACs). The low power consumption of these devices
in normal operation (0.55 mW at 5 V, reducing to 2.5
1 LSB INL (DAC7311: 12-Bit)
μW in power-down mode) makes it ideally suited for
microPower Operation: 80
μA at 2.0 V
portable, battery-operated applications.
Power-Down: 0.5
μA at 5 V, 0.1 μA at 2.0 V
These devices are monotonic by design, provide
Wide Power Supply: 2.0 V to 5.5 V
excellent linearity, and minimize undesired code-to-
Power-On Reset to Zero Scale
code transient voltages while offering an easy
upgrade path within a pin-compatible family. All
Straight Binary Data Format
devices use a versatile, three-wire serial interface that
Low Power Serial Interface With Schmitt-
operates at clock rates of up to 50 MHz and is
Triggered Inputs: up to 50 MHz
compatible with standard SPI™, QSPI™, Microwire,
On-Chip Output Buffer Amplifier, Rail-to-Rail
and digital signal processor (DSP) interfaces.
Operation
All devices use an external power supply as a
SYNC Interrupt Facility
reference voltage to set the output range. The
Extended Temperature Range –40°C to +125°C
devices incorporate a power-on reset (POR) circuit
that ensures the DAC output powers up at 0 V and
Pin-Compatible Family in a Tiny, 6-Pin SC70
remains there until a valid write to the device occurs.
Package
The DAC5311, DAC6311, and DAC7311 contain a
power-down
feature,
accessed
over
the
serial
2 Applications
interface, that reduces current consumption of the
Portable, Battery-Powered instruments
device to 0.1
μA at 2.0 V in power-down mode.
Process Controls
These devices are pin-compatible with the DAC8311
Digital Gain and Offset Adjustment
and DAC8411, offering an easy upgrade path from
8-, 10-, and 12-bit resolution to 14- and 16-bit. All
Programmable Voltage and Current Sources
devices are available in a small, 6-pin, SC70 (SOT)
package. This package offers a flexible, pin- and
Simplified Schematic
function-compatible, drop-in solution within the family
over an extended temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx311
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC5311IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKRG4 TI1-DAC5311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKRQ1 TI-DAC5311IDCKRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5311IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com