Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1120IRVAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1120IRVAT
Description  Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IRVAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1120IRVAT Datasheet HTML 3Page - Texas Instruments ADS1120IRVAT Datasheet HTML 4Page - Texas Instruments ADS1120IRVAT Datasheet HTML 5Page - Texas Instruments ADS1120IRVAT Datasheet HTML 6Page - Texas Instruments ADS1120IRVAT Datasheet HTML 7Page - Texas Instruments ADS1120IRVAT Datasheet HTML 8Page - Texas Instruments ADS1120IRVAT Datasheet HTML 9Page - Texas Instruments ADS1120IRVAT Datasheet HTML 10Page - Texas Instruments ADS1120IRVAT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
ADS1120
www.ti.com
SBAS535B – AUGUST 2013 – REVISED JANUARY 2015
Electrical Characteristics (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external Vref = 2.5 V
(unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXCITATION CURRENT SOURCES (IDACs)
Current settings
50, 100, 250, 500, 1000, 1500
µA
Compliance voltage
All current settings
AVDD – 0.9
V
Accuracy
All current settings, each IDAC
–6%
±1%
6%
Current match
Between IDACs
±0.3%
Temperature drift
Each IDAC
50
ppm/°C
Temperature drift matching
Between IDACs
10
ppm/°C
TEMPERATURE SENSOR
Conversion resolution
14
Bits
Temperature resolution
0.03125
°C
TA = 0°C to +75°C
±0.25
°C
Accuracy
TA = –40°C to +125°C
±0.5
°C
Accuracy vs analog supply voltage
0.0625
0.25
°C/V
LOW-SIDE POWER SWITCH
RON
On-resistance
3.5
Ω
Current through switch
30
mA
DIGITAL INPUTS/OUTPUTS
VIH
High-level input voltage
0.7 DVDD
DVDD
V
VIL
Low-level input voltage
DGND
0.3 DVDD
V
VOH
High-level output voltage
IOH = 3 mA
0.8 DVDD
V
VOL
Low-level output voltage
IOL = 3 mA
0.2 DVDD
V
IH
Input leakage, high
VIH = 5.5 V
–10
10
µA
IL
Input leakage, low
VIL = DGND
–10
10
µA
POWER SUPPLY
Power-down mode
0.1
3
µA
Duty-cycle mode, PGA disabled
65
µA
Duty-cycle mode, gain = 1 to 16
95
µA
Duty-cycle mode, gain = 32
115
µA
Duty-cycle mode, gain = 64, 128
135
µA
Normal mode, PGA disabled
240
µA
IAVDD
Analog supply current(3)
Normal mode, gain = 1 to 16
340
490
µA
Normal mode, gain = 32
425
µA
Normal mode, gain = 64, 128
510
µA
Turbo mode, PGA disabled
360
µA
Turbo mode, gain = 1 to 16
540
µA
Turbo mode, gain = 32
715
µA
Turbo mode, gain = 64, 128
890
µA
Power-down mode
0.3
5
µA
Duty-cycle mode
55
µA
IDVDD
Digital supply current(3)
Normal mode
75
110
µA
Turbo mode
95
µA
Duty-cycle mode, PGA disabled
0.4
mW
PD
Power dissipation(3)
Normal mode, gain = 1 to 16
1.4
mW
Turbo mode, gain = 1 to 16
2.1
mW
(3)
Internal voltage reference selected, internal oscillator enabled, IDACs turned off, and continuous conversion mode.
Analog supply current increases by 70 µA, typ (normal mode, turbo mode) when selecting an external reference.
Analog supply current increases by 190 µA (typ) when enabling the IDACs (excludes the actual IDAC current).
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1120


Similar Part No. - ADS1120IRVAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IRVAT TI1-ADS1120IRVAT Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS1120IRVAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Linear Technology
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com