Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC128S085 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC128S085
Description  12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC128S085 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC128S085_15 Datasheet HTML 6Page - Texas Instruments DAC128S085_15 Datasheet HTML 7Page - Texas Instruments DAC128S085_15 Datasheet HTML 8Page - Texas Instruments DAC128S085_15 Datasheet HTML 9Page - Texas Instruments DAC128S085_15 Datasheet HTML 10Page - Texas Instruments DAC128S085_15 Datasheet HTML 11Page - Texas Instruments DAC128S085_15 Datasheet HTML 12Page - Texas Instruments DAC128S085_15 Datasheet HTML 13Page - Texas Instruments DAC128S085_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
DB15
SCLK
DIN1
SYNC
tDS
tDH
1
2
15
16
DB15
DB0
DIN2/DOUT1
tDS
DB0
DB0
tDH
tSYNC
tSS
tCL
tCH
tSH
1 / fSCLK
1
2
15
16
DB15
DAC128S085
SNAS407H – AUGUST 2007 – REVISED APRIL 2015
www.ti.com
AC and Timing Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1,2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
48 to 4047. All limits are at TA = 25°C, unless otherwise specified.
MIN(1)
NOM
MAX(1)
UNIT
1
Data Set-Up Time prior to SCLK
tDS
ns
Falling Edge. See Figure 1
TMIN ≤ TA ≤ TMAX
2.5
1
Data Hold Time after SCLK
tDH
ns
Falling Edge. See Figure 1
TMIN ≤ TA ≤ TMAX
2.5
SYNC Hold Time after the 16th
0
1 / fSCLK - 3
tSH
falling edge of SCLK. See
ns
TMIN ≤ TA ≤ TMAX
3
Figure 1
5
tSYNC
SYNC High Time. See Figure 1
ns
TMIN ≤ TA ≤ TMAX
15
Figure 1. Serial Timing Diagram
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC128S085


Similar Part No. - DAC128S085_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC128S085CIMT NSC-DAC128S085CIMT Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CIMTX NSC-DAC128S085CIMTX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQ NSC-DAC128S085CISQ Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQX NSC-DAC128S085CISQX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085EB NSC-DAC128S085EB Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

Similar Description - DAC128S085_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com