Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC128S085 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC128S085
Description  12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC128S085 Datasheet(HTML) 1 Page - Texas Instruments

  DAC128S085_15 Datasheet HTML 1Page - Texas Instruments DAC128S085_15 Datasheet HTML 2Page - Texas Instruments DAC128S085_15 Datasheet HTML 3Page - Texas Instruments DAC128S085_15 Datasheet HTML 4Page - Texas Instruments DAC128S085_15 Datasheet HTML 5Page - Texas Instruments DAC128S085_15 Datasheet HTML 6Page - Texas Instruments DAC128S085_15 Datasheet HTML 7Page - Texas Instruments DAC128S085_15 Datasheet HTML 8Page - Texas Instruments DAC128S085_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
OUTA
OUTB
OUTC
OUTD
OUTE
OUTF
OUTG
OUTH
GND
4-wire SPI
MCU
(Master)
VREF1
VREF2
VDD
2 Individual
References
independent of
VDD
Digital I/O
tolerant of
Master to DAC
rail potential
mismatch
Wide supply range
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC128S085
SNAS407H – AUGUST 2007 – REVISED APRIL 2015
DAC128S085 12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail
Outputs
1 Features
3 Description
The DAC128S085 is a full-featured, general-purpose
1
Ensured Monotonicity
OCTAL
12-bit
voltage-output
digital-to-analog
Low Power Operation
converter (DAC) that can operate from a single 2.7-V
Rail-to-Rail Voltage Output
to 5.5-V supply and consumes 1.95 mW at 3 V and
4.85 mW at 5 V. The DAC128S085 is packaged in a
Daisy-Chain Capability
16-lead WQFN package and a 16-lead TSSOP
Power-on Reset to 0 V
package.
The
WQFN
package
makes
the
Simultaneous Output Updating
DAC128S085 the smallest OCTAL DAC in its class.
The on-chip output amplifiers allow rail-to-rail output
Individual Channel Power-Down Capability
swing, and the 3-wire serial interface operates at
Wide Power Supply Range (2.7 V to 5.5 V)
clock rates up to 40 MHz over the entire supply
Dual Reference Voltages With Range of 0.5 V to
voltage range. Competitive devices are limited to 25-
VA
MHz clock rates at supply voltages in the 2.7-V to
Operating Temperature Range of
−40°C to 125°C
3.6-V range. The serial interface is compatible with
standard SPI™, QSPI, MICROWIRE, and DSP
Smallest Package in the Industry
interfaces. The DAC128S085 also offers daisy-chain
Resolution 12 Bits
operation,
where
an
unlimited
number
of
INL ±8 LSB (Maximum)
DAC128S085s can be updated simultaneously using
a single serial interface.
DNL 0.75 /
−0.4 LSB (Maximum)
Settling Time 8.5
μs (Maximum)
There are two references for the DAC128S085. One
reference input serves channels A through D, while
Zero Code Error 15 mV (Maximum)
the other reference serves channels E through H.
Full-Scale Error
−0.75 %FSR (Maximum)
Each reference can be set independently between
Supply Power
0.5 V and VA, providing the widest possible output
dynamic range. The DAC128S085 has a 16-bit input
1.95 mW (3 V) / 4.85 mW (5 V) Typical
shift register that controls the mode of operation, the
Power Down 0.3
μW (3 V) / 1 μW (5 V) Typical
power-down condition, and the register/output value
of the DAC channels. All eight DAC outputs can be
2 Applications
updated simultaneously or individually.
Battery-Powered Instruments
Device Information(1)
Digital Gain and Offset Adjustment
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Programmable Voltage and Current Sources
TSSOP (16)
5.00 mm × 4.4 mm
Programmable Attenuators
DAC128S085
WQFN (16)
4.00 mm × 4.00 mm
Voltage Reference for ADCs
(1) For all available packages, see the orderable addendum at
Sensor Supply Voltage
the end of the datasheet.
Range Detectors
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC128S085_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC128S085CIMT NSC-DAC128S085CIMT Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CIMTX NSC-DAC128S085CIMTX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQ NSC-DAC128S085CISQ Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQX NSC-DAC128S085CISQX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085EB NSC-DAC128S085EB Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

Similar Description - DAC128S085_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com