Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDCP-800-28 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # TDCP-800-28
Description  CONDUCTION COOLED SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TDCP-800-28 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TDCP-800-28 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TDCP-800-28 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FACTOR CORRECTED
13.0” x 7.50” x 2.30”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
TDCP-800 SERIES
800 WATT SINGLE OUTPUT
CONDUCTION COOLED SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Input: Universal AC Input Range 90-264VAC/127-370VDC
Input Frequency: 47-63Hz
Inrush Current: 25A max at 115VAC/40A at 230 VAC (cold start)
Input Current: 12A max @ 115VAC 6A max @ 230VAC
Efficiency: 87% typical (Minimal Input Full Load)
Hold-up time: 16ms at full load (minimum)
Leakage Current: <2.0mA maximum @ 240 VAC
Harmonics: EN 61000-3-2, -3 Class D Compliant (0.99 PF Typical)
Operating Temperature: 80°C Cold Rate
Storage Temperature: -40°C to +85°C max 95% Relative Humidity
Cooling: Base Plate Conduction Cooled
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration
Weight: Approx: 8 LBS
Size: 13.0” x 7.50” x 2.30”
The TDCP-800 series of Power Factor Corrected
Conduction Cooled AC-DC power supplies
provides highly regulated output power to 800
watts. Rugged construction and superior quality
make this power supply ideal for harsh
environment applications. Available in standard,
modified or fully custom configurations, for
industrial, commercial, COTS, ruggedized and
Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: ±15%
Minimum Load: none
Regulation: Line ±0.5% Load ±0.5%
Ripple/Noise: 150mV peak to peak maximum (20 MHz)
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Output voltage adj: ±10% minimum
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overlvoltage Protection: 115-140% of V1 nominal
Overtemperature Protection: Heatsink Temp. 90°C ± 5°C Auto Recovery
STANDARD FEATURES
APPLICATIONS
SAFETY AND EMISSIONS
WER FACTOR CORRECTED
SPECIFICATIONS
A
A
ER FACTOR CORRECTED
Universal AC Input / Full Range
Active PFC for EN61000-3-2,-3
Conduction Cooled
Current Share Function
DC Good Signal
Remote On/Off & Remote Sense Functions
5V / 0.5A Auxiliary Output
Low Noise ZCS / ZVS Architecture
Hot Swap
Parallel Operation
ORing Diode for Redundant Operation
Rack / Panel Mount
Ruggedized for shock & vibration
400Hz Operation
Conformal Coating
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet CB Report (IEC 60950-1)
Designed to meet CE Mark (LVD)
Designed to meet EN55022
Class B (CISPR 22 B)


Similar Part No. - TDCP-800-28

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Adam Technologies, Inc.
TDC-08 ADAM-TECH-TDC-08 Datasheet
148Kb / 1P
   BARRIER TERMINAL STRIPS
logo
Mini-Circuits
TDC-10-1 MINI-TDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
TDC-10-2 MINI-TDC-10-2 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
   Broad band Directional Coupler
More results

Similar Description - TDCP-800-28

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
   AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
   Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
   Conduction Cooled (High Density Resonant)
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
   Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
   Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
   Conduction Cooled (High Density Resonant)
334HC6102K2EM8 ILLINOISCAPACITOR-334HC6102K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled (High Density Resonant)
505HC6500K4TM6 ILLINOISCAPACITOR-505HC6500K4TM6 Datasheet
91Kb / 1P
   Conduction Cooled(High Density Reasnot)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com