Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDR-270-7 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # NTDR-270-7
Description  270VDC SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

NTDR-270-7 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  NTDR-270-7 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. NTDR-270-7 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FACTOR CORRECTED, MILITARIZED
5” x 8” x 15.6”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
NTDR SERIES
1500-3000 WATT SINGLE OUTPUT
270VDC SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: Input Range (1500W) 100-132VAC/(2000-3000W) 180-252VAC 1Ø or 3Ø
Input Frequency: 47-63Hz (400Hz Optional)
Inrush Current: 30A at 115VAC/40A at 230 VAC (Cold Start)
Efficiency: 86% Typical (Depending On Output Model)
Hold-up time: 20ms At Full Load (Minimum)
Leakage Current: <3.5mA maximum @ 240 VAC
Operating Temperature: -20°C to +50°C. Derate to 50% at +60°C
Storage Temperature: -40°C to +85°C Max
Cooling: Internal Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Weight: Approx: 12 Lbs
Size: 5” x 8” x 15.6”
The NTDR series of “BULK” Power Rugged
AC-DC power supplies provides highly
regulated output power up to 3000 watts.
Rugged construction and superior quality
make this power supply ideal for
harsh
environment aircraft applications. Available in
standard,
modified
or
fully
custom
configurations, for industrial, commercial,
COTS, ruggedized and Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: ±10% (Minimum)
Minimum Load: None
Regulation: Line ± 0.5% Load ± 2%
Ripple/Noise: 1% Peak To Peak Maximum (20 MHz)
Set Point Accuracy: ±1%(Except 5V=±2%) (Maximum)
Output Voltage Adj: ±10% Minimum
Overcurrent Protection: 105-125% Automatic Recovery Constant Current
Overvoltage Protection: 115-140% Of V1 Nominal
STANDARD FEATURES
APPLICATIONS
SAFETY AND EMISSIONS
Overtemperature Protection Heatsink Temp. 90°C ± 5°C Auto Recovery
R CORRECTED, MILITARIZED
SPECIFICATIONS
A
A
CORRECTED, MILITARIZED
High Efficiency
Rugged Construction
AC Input 100-132/180-252 VAC
OV, OL, OT Protection
Current Share Function
DC Good Signals
Remote Inhibit
±10% Output Voltage Adjust
Active PFC (Power Factor Correction)
Parallel Operation
3 Phase Input
ORing Diode for Redundant Operation
Rack / Panel Mount
Ruggedized for shock & vibration
400 Hz Operation
Conformal Coated
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet CE Mark (LVD)
Designed to meet EN55022


Similar Part No. - NTDR-270-7

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NTD EDI-NTD Datasheet
36Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
NTD08 EDI-NTD08 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
NTD10 EDI-NTD10 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
Naina Semiconductor ltd...
NTD106 NAINA-NTD106 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 106 Amps
NTD106B NAINA-NTD106B Datasheet
172Kb / 3P
   Thyristor-Diode Module, 106 Amps
More results

Similar Description - NTDR-270-7

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com