Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDM-28-54 Datasheet(PDF) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # NTDM-28-54
Description  1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

NTDM-28-54 Datasheet(HTML) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  NTDM-28-54 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. NTDM-28-54 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
MECHANICAL OUTLINE
OPTION DESIGNATIONS
1500 WATT OUTPUT
2000 WATT OUTPUT
2500 WATT OUTPUT
3000 WATT OUTPUT
NOMINAL
VALUE
(VDC)
MODEL
MAXIMUM
CURRENT
(ADC)
MAXIMUM
CURRENT
(ADC)
MODEL
MODEL
MAXIMUM
CURRENT
(ADC)
MAXIMUM
CURRENT
(ADC)
MODEL
5V
300A
NTDM-5-300
12V
125A
NTDM-12-125
24V
62A
NTDM-24-62
15V
100A
NTDM-15-100
28V
54A
NTDM-28-54
110V
14A
NTDM-110-14
48V
31A
NTDM-48-31
CONSULT FACTORY
84A
NTDM-24-84
72A
NTDM-28-72
42A
NTDM-48-42
18A
NTDM-110-18
104A
NTDM-24-104
89A
NTDM-28-89
52A
NTDM-48-52
22A
NTDM-110-22
125A
NTDM-24-125
107A
NTDM-28-107
62A
NTDM-48-62
27A
NTDM-110-27
- PFC
Parallel Operation
Power Factor Correction
- PAR
- 3P
3 Phase Input
- RK
Conformal Coating
400Hz Operation
Ruggedized for Shock/Vibration
- CC
- 400Hz
- MIL
- ORD
Redundant Operation
Rack Mount
- HS
Hot Swap
- PNL
Panel Mount
Note: Other Options Available, Contact the Factory.
Note: Other Voltages and Currents Available, Contact the Factory.
Note: 2000 Watts - 3000 Watts Require 230 VAC Input.
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev.A


Similar Part No. - NTDM-28-54

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
NTDM-28-54 TECHNOLOGY-NTDM-28-54 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - NTDM-28-54

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PWC12 ASTRODYNE-PWC12 Datasheet
285Kb / 5P
   12 Watt Single Output AC to DC Switching Power Supplies
logo
Artesyn Technologies
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
List of Unclassifed Man...
WP12 ETC1-WP12 Datasheet
79Kb / 1P
   12 Watt Single Output Regulated Power Supplies
W15 ETC1-W15 Datasheet
88Kb / 2P
   15 Watt - Single Output Regulated Power Supplies
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
   40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
TECHNOLOGY ASSISTANCE B...
TDDC-1500-12 TAB-TDDC-1500-12 Datasheet
320Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com