Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTDM-24-62 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # NTDM-24-62
Description  1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

NTDM-24-62 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  NTDM-24-62 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. NTDM-24-62 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER FACTOR CORRECTED, MILITARIZED
5” x 8” x 12.5”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
NTDM SERIES
1500-3000 WATT SINGLE OUTPUT
SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: Input Range (1500W) 90-132VAC/(2000-3000W) 180-264VDC 1Ø or 3Ø
Input Frequency: 47-63Hz (400Hz Optional)
Inrush Current: 30A at 115VAC/40A at 230 VAC (Cold Start)
Input Current: 1500W=24A, 2000W=16A, 2500W=20A, 3000W=24A
Efficiency: 83-90% Typical (Depending On Output Model)
Hold-up time: 20ms At Full Load (Minimum)
Leakage Current: <2.0mA maximum @ 240 VAC
Operating Temperature: -20°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C Max
Cooling: Internal Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Weight: Approx: 12 Lbs
Size: 5” x 8” x 12.5”
The NTDM series of “BULK” Power Rugged
AC-DC power supplies provides highly
regulated output power to 3000 watts.
Rugged construction and superior quality
make this power supply ideal for
harsh
environment
applications. Available
in
standard,
modified
or
fully
custom
configurations, for industrial, commercial,
COTS, ruggedized and Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: ±10% (Minimum)
Minimum Load: None
Regulation: Line ± 0.5% Load ± 0.5%
Ripple/Noise: 200mV Peak To Peak Maximum (20 MHz)
Set Point Accuracy: ±1%(Except 5V=±2%) (Maximum)
Output Voltage Adj: ±10% Minimum
Overcurrent Protection: 105-125% Automatic Recovery Constant Current
Overvoltage Protection: 115-140% Of V1 Nominal
STANDARD FEATURES
APPLICATIONS
SAFETY AND EMISSIONS
Overtemperature Protection Heatsink Temp. 90°C ± 5°C Auto Recovery
High Efficiency Up to 90%
Rugged Construction
AC Input 100-132/180-264 VAC
Built In DC Fan for Cooling
OV, OL, OT Protection
DC Good Signals
Remote on/off & Remote Sense Functions
±10% Voltage Adjust
Active PFC (Power Factor Correction)
Parallel Operation
3 Phase Input
ORing Diode for Redundant Operation
Rack / Panel Mount
Ruggedized for shock & vibration
400 Hz Operation
Conformal Coated
Designed to meet UL/cUL60950-1
Designed to meet TUV EN60950-1
Designed to meet CB Report (IEC 60950-1)
Designed to meet CE Mark (LVD)
Designed to meet EN55022
Class B (CISPR 22 B)


Similar Part No. - NTDM-24-62

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
NTDM-24-62 TECHNOLOGY-NTDM-24-62 Datasheet
674Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - NTDM-24-62

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PWC12 ASTRODYNE-PWC12 Datasheet
285Kb / 5P
   12 Watt Single Output AC to DC Switching Power Supplies
logo
Artesyn Technologies
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
List of Unclassifed Man...
WP12 ETC1-WP12 Datasheet
79Kb / 1P
   12 Watt Single Output Regulated Power Supplies
W15 ETC1-W15 Datasheet
88Kb / 2P
   15 Watt - Single Output Regulated Power Supplies
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
   40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
   1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
TECHNOLOGY ASSISTANCE B...
TDDC-1500-12 TAB-TDDC-1500-12 Datasheet
320Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
   1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com