Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22L-2DS-7.92DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF22L-2DS-7.92DSA
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22L-2DS-7.92DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF22L-2DS-7.92DSA Datasheet HTML 1Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 2Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 3Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 4Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 5Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 6Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 7Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 8Page - Hirose Electric DF22L-2DS-7.92DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Note: Bag packaging (100 pieces/bag). Order by number of bags.
s Type I
Height: Standard type, Standard lock
Note: The part number and CL No. have changed to accommodate
the product form change of the 2 to 5 pos. types.
Shown with terminated and installed contacts.
CL No.
Part Number
Number of contacts
A
B
DF22-1S-7.92C(28)
DF22-2S-7.92C(28)
DF22-3S-7.92C(28)
DF22-4S-7.92C(28)
DF22-5S-7.92C(28)
1
2
3
4
5
8.00
15.50
23.42
31.34
39.26
-----
7.92
15.84
23.76
31.68
Standard Type (Guide Key: Inside, Color: White)
Type 1
Standard lock
1
A
(11.55)
No. of contacts
indicator
Cavity No.
8
Type 1
Standard lock
3
A
(11.55)
Contact No. 1
No. of contacts
indicator
Cavity No.
Contact No. 1
indicator
A
B
P=7.92
1 Pos.
2 to 5 Pos.
680-1012-2-28
680-1004-4-28
680-1005-7-28
680-1006-0-28
680-1007-2-28
Shown with terminated and installed contacts.
sCrimp Sockets (Standard Type)
CL No.
Part Number
Number of contacts
A
B
DF22R-1S-7.92C(28)
DF22R-2S-7.92C(28)
DF22R-3S-7.92C(28)
DF22R-4S-7.92C(28)
DF22R-5S-7.92C(28)
1
2
3
4
5
8.00
15.50
23.42
31.34
39.26
-----
7.92
15.84
23.76
31.68
R Type (Guide Key: Right Side, Color: Black)
680-1026-7-28
680-1027-0-28
680-1028-2-28
680-1029-5-28
680-1030-4-28
CL No.
Part Number
Number of contacts
A
B
DF22L-1S-7.92C(28)
DF22L-2S-7.92C(28)
DF22L-3S-7.92C(28)
DF22L-4S-7.92C(28)
DF22L-5S-7.92C(28)
1
2
3
4
5
8.00
15.50
23.42
31.34
39.26
-----
7.92
15.84
23.76
31.68
L Type (Guide Key: Left Side, Color: Red)
680-1031-7-28
680-1032-0-28
680-1033-2-28
680-1034-5-28
680-1035-8-28


Similar Part No. - DF22L-2DS-7.92DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22L-2DS-7.92C HIROSE-DF22L-2DS-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22L-2DS-7.92DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com