Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-25 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # BC817-25
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BC817-25 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  BC817-25 Datasheet HTML 1Page - Olitech Electronics Co.Ltd BC817-25 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Complementary types: BC807 (PNP)
Marking
BC817-16
BC817-25
BC817-40
6A
6B
6C
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
50
V
DCollector-Emitter Voltage
V
CEO
45
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCB
O
IC= 10μA, IE=0
50
V
Collector-emitter breakdown voltage
VCE
O
IC= 10mA, IB=0
45
V
Emitter-base breakdown voltage
VEB
O
IE= 1μA, IC=0
5
V
Collector cut-off current
ICB
O
VCB= 45 V ,
IE=0
0.1
μA
Emitter cut-off current
IEB
O
VEB= 4V, IC=0
0.1
μA
DC current gain
hFE(1
)
VCE= 1V, IC= 100mA
100
600
hFE(2
)
VCE= 1V, IC= 500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB= 50mA
1.2
V
Base-emitter voltage
VB
E
VCE= 1 V, IC= 500mA
1.2
V
Collecter capactiance
Cob
VCB=10V ,f=1MHz
10
pF
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
CLASSIFICATION OF
hFE
Rank
6A
6B
6C
Range
100-250
160-400
250-600
(NPN)
(NPN)
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC817-16
BC817-25
BC817-40
Plastic-Encapsulate Transistors
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - BC817-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BC817-25 KEXIN-BC817-25 Datasheet
1Mb / 2P
   NPN Transistors
logo
Transys Electronics
BC817-25 TRSYS-BC817-25 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

Similar Description - BC817-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com