Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSK26 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # DSK26
Description  Surface Mount Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

DSK26 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  DSK26 Datasheet HTML 1Page - Olitech Electronics Co.Ltd DSK26 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Major Ratings and Characteristics
Features
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC SOD-123FL molded plastic
body over passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25
°
C unless otherwise noted)
Symbol DSK12 DSK13 DSK14 DSK15 DSK16 DSK18 DSK110 UNIT
VRRM
20
30
40
50
60
80
100
V
VRMS
14
21
28
35
42
56
70
V
VDC
20
30
40
50
60
80
100
V
IF(AV)
A
IFSM
A
VF
V
Maximum DC reverse current
TA = 25 ℃
CJ
TJ, TSTG
mA
Operating junction and storage
temperature range
at Rated DC blocking voltage
TA = 100℃
Typical junction capacitance at 4.0 V ,1MHz
IR
110
– 65 to +125
10
1.0
25
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
Maximum instantaneous forwad voltage at 1.0A
0.70
0.85
0.55
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Tj max.
125
°
C
Maximum repetitive peak reverse voltage
IFSM
25 A
VF
0.55 V , 0.70 V,0.85V
IF(AV)
1.0 A
VRRM
20 V to 100 V
DSK12~DSK110
Surface Mount Schottky Rectifier
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - DSK26

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DSK26 LUGUANG-DSK26 Datasheet
213Kb / 2P
   Surface Mount Schottky Rectifier
logo
Guangdong Juxing Electr...
DSK26 JUXING-DSK26 Datasheet
879Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
DSK26 CHENDA-DSK26 Datasheet
566Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
DSK26 JUXING-DSK26 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
logo
Zibo Seno Electronic En...
DSK26 ZSELEC-DSK26 Datasheet
139Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - DSK26

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com