Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3PCIE3242 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3242
Description  3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3242 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE3242 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE3242 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.pericom.com
06/02/2014
All trademarks are property of their respective owners.
PI3PCIE3242
3.3V PCI Express® 3.0 4 Channel 2x2 Exchange Switch
Differential Insertion Loss
Differential Return Loss
14-0087


Similar Part No. - PI3PCIE3242

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3PCIE3242A DIODES-PI3PCIE3242A Datasheet
1,021Kb / 11P
   3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3242AZLEX DIODES-PI3PCIE3242AZLEX Datasheet
1,021Kb / 11P
   3.0 4 Channel 2x2 Exchange Switch
More results

Similar Description - PI3PCIE3242

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3442 PERICOM-PI3PCIE3442 Datasheet
1Mb / 13P
   3.3V PCI Express 3.0 2-Lane Exchange Switch
logo
Diodes Incorporated
PI3PCIE3242A DIODES-PI3PCIE3242A Datasheet
1,021Kb / 11P
   3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
   3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
logo
Integrated Device Techn...
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
logo
Texas Instruments
TS2PCIE412 TI1-TS2PCIE412 Datasheet
570Kb / 17P
[Old version datasheet]   4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
logo
Pericom Semiconductor C...
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com