Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78L05.TO-92 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 78L05.TO-92
Description  TO-92 Encapsulate Three-terminal Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

78L05.TO-92 Datasheet(HTML) 2 Page - Nanjing International Group Co

  78L05.TO-92 Datasheet HTML 1Page - Nanjing International Group Co 78L05.TO-92 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
020
40
60
80
100
2.5
2.6
2.7
2.8
2.9
3.0
-25
0
25
50
75
100
125
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
0
1
2
3
4
5
6
45
678
9
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.00
0.05
0.10
0.15
0.20
0.25
0
1
2
3
4
5
6
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
Quiescent Current vs Output Current
V
in=10V
T
J=25
OUTPUT CURRENT I
O
(mA)
V
in=10V
I
O=40mA
Output Voltage vs Ambient Temperature
AMBIENT TEMPERATURE T
a
( )
I
O=0mA
T
J=25
INPUT VOLTAGE V
IN
(V)
Output Characteristics
T
J=25
INPUT VOLTAGE V
IN
(V)
Dropout Characteristics
CJ78L05
Typical Characterisitics
INPUT VOLTAGE V
IN
(V)
Quiescent Current vs Input Voltage
I
O=0mA
T
J=25
Current Cut-off Grid Voltage
OUTPUT CURRENT I
O
(A)
V
IN=10V
T
J=25
Power Derating Curve
JUNCTION TEMPERATURE T
J
( )
B,Apr,2012


Similar Part No. - 78L05.TO-92

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
78L05.SOT-89 DGNJDZ-78L05.SOT-89 Datasheet
517Kb / 2P
   SOT-89-3L Encapsulate Three Terminal Voltage Regulators
More results

Similar Description - 78L05.TO-92

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05 TGS-LM78L05 Datasheet
433Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L06 TGS-LM78L06 Datasheet
309Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L05 TGS-LM79L05 Datasheet
452Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L12 TGS-LM79L12 Datasheet
434Kb / 2P
   TO-92 Encapsulate Three-terminal voltage regulator
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L08 TGS-LM78L08 Datasheet
347Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L12 TGS-LM78L12 Datasheet
275Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L09 TGS-LM79L09 Datasheet
384Kb / 2P
   TO-92 Encapsulate Three-terminal voltage regulator
logo
ZP Semiconductor
CJ78L05-TO92 ZPSEMI-CJ78L05-TO92 Datasheet
859Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L09 TGS-LM78L09 Datasheet
283Kb / 2P
   TO-92 Encapsulate Three Terminal Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com