Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78L05.TO-92 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 78L05.TO-92
Description  TO-92 Encapsulate Three-terminal Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

78L05.TO-92 Datasheet(HTML) 1 Page - Nanjing International Group Co

  78L05.TO-92 Datasheet HTML 1Page - Nanjing International Group Co 78L05.TO-92 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
C0
0.1μF
TO-92 Encapsulate Three-terminal Voltage Regulator
CJ78L05 Three-terminal positive voltage regulator
FEATURES
Maximum Output Current IO: 0.1 A
Output
Voltage Vo: 5 V
Continuous
Total Dissipation
PD:
0.625W (Ta=25
℃ )
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vl
30
V
Operating Junction Temperature Range
TOPR
0~+1
50
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION TEMPERATURE (Vi=10V,Io=40mA,Ci=0.33uF,,Co=0.1uF, unless otherwise specified )
Parameter
Symbol
Test conditions
M
in
T
yp
M
ax
Unit
25
4.8
5.0
5.2
V
7V≤Vi≤20V, Io=1mA~40mA
4.75
5.0
5.25
V
Output voltage
Vo
Io=1mA~70mA
0-125
4.75
5.0
5.25
V
Io=1mA~100mA
25
15
60
mV
Load Regulation
ΔVo
Io=1mA~40mA
25
8
30
mV
7V≤Vil≤20V
32
150
mV
Line regulation
ΔVo
8V≤Vi≤20V
25
26
100
mV
Quiescent Current
Iq
25
3.8
6
mA
ΔIq
8V≤Vi≤20V
0-125
1.5
mA
Quiescent Current Change
ΔIq
1mA≤V l≤40mA
0-125
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
42
uV
Ripple Rejection
RR
8V≤Vi≤20V,f=120Hz
0-125
41
49
dB
Dropout Voltage
Vd
25
1.7
V
TYPICAL APPLICATION
Vi
3
1
Vo
UTC
Ci
0.33μF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possibleto the regulators.
TO-92
1. OUT
2. GND
3. IN
CJ78L05
B,Apr,2012
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - 78L05.TO-92

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
78L05.SOT-89 DGNJDZ-78L05.SOT-89 Datasheet
517Kb / 2P
   SOT-89-3L Encapsulate Three Terminal Voltage Regulators
More results

Similar Description - 78L05.TO-92

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05 TGS-LM78L05 Datasheet
433Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L06 TGS-LM78L06 Datasheet
309Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L05 TGS-LM79L05 Datasheet
452Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L12 TGS-LM79L12 Datasheet
434Kb / 2P
   TO-92 Encapsulate Three-terminal voltage regulator
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L08 TGS-LM78L08 Datasheet
347Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L12 TGS-LM78L12 Datasheet
275Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L09 TGS-LM79L09 Datasheet
384Kb / 2P
   TO-92 Encapsulate Three-terminal voltage regulator
logo
ZP Semiconductor
CJ78L05-TO92 ZPSEMI-CJ78L05-TO92 Datasheet
859Kb / 2P
   TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM78L09 TGS-LM78L09 Datasheet
283Kb / 2P
   TO-92 Encapsulate Three Terminal Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com