Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3PCIE3212 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI3PCIE3212
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI3PCIE3212 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
All trademarks are property of their respective owners.
www.pericom.com
11/18/14
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +4.6V
Channel DC Input Voltage ................................................–0.5V to 1.5V
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
SEL/PD DC Input Voltage ................................................–0.5V to 4.6V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
3.3V Power Supply
3.0
3.3
3.6
V
IDD
Total current from VDD 3.3V supply
SEL = OV or VDD
0.2
1
mA
IDD_PD
Power down current
PD = 1
20
40
µA
VI/O-DIF
Differential Voltage (differential pins)
1.6
Vppd
VI/O-CM
Common Mode Voltage (differential
pins)
0
0.8
V
TCASE
Case temperature range for operation
within spec.
-40
85
Celsius
Electrical Characteristics
DC Electrical Characteristics for Switching over Operating Range
Parameters
Description
Test Conditions(1)
Min
Typ(1) Max
Units
VIH - SEL, PD Input HIGH Voltage, SEL, PD Input
2
3.6
V
VIL - SEL, PD
Input LOW Voltage, SEL, PD Input
0
0.8
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current, SEL, PD
VDD = Max., VIN = VDD
±5
µA
IIL
Input LOW Current, SEL, PD
VDD = Max., VIN = 0V
±5
IIH
Input HIGH Current, AX, BX, CX
VDD = Max., VIN = 1.5V
–10
+10
µA
IIL
Input LOW Current, AX, BX, CX
VDD = Max., VIN = 0V
–10
+10
IOZH
HighZ HIGH Current, BX, CX
VDD = Max., VIN = 1.5V
–10
+10
µA
IOZL
HighZ LOW Current, BX, CX
VDD = Max., VIN = 0V
–10
+10
µA
Note:
1.
Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
14-0011


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn