Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3PCIE3212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part No. PI3PCIE3212
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI3PCIE3212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
All trademarks are property of their respective owners.
www.pericom.com
11/18/14
Pin Description
Pin #
Pin Name
I/O
Description
2
PD
I
Power Down. When PD = '1', all paths are switched off and supply current is very low.
PD = '0' for normal operation.
3
4
A0+
A0-
I/O
Signal I/O, Channel 0, Port A
9
SEL
I
Operation mode Select
(when SEL=0: A→B, when SEL=1: A→C)
1, 6, 10
VDD
Pwr
3.3V ± 10% Positive Supply Voltage
7
8
A1+
A1–
I/O
Signal I/O, Channel 1, Port A
5, 11, 20,
Center Pad
GND
Pwr
Power ground
13
12
C1+
C1-
I/O
Signal I/O, Channel 1, Port C
15
14
C0+
C0-
I/O
Signal I/O, Channel 0, Port C
17
16
B1+
B1−
I/O
Signal I/O, Channel 1, Port B
19
18
B0+
B0−
I/O
Signal I/O, Channel 0, Port B
14-0011


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn