Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3PCIE3212 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part No. PI3PCIE3212
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI3PCIE3212 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
All trademarks are property of their respective owners.
www.pericom.com
11/18/14
Differential Input/Output Signal Waveform
tPLH
tPHL
0V
0V
IN+, IN-
OUT+, OUT-
Test Circuit for Propagation Delay
IN+
IN-
OUT+
OUT-
+
_
+
_
50
50
14-0011


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn