Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3PCIE3212 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part No. PI3PCIE3212
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI3PCIE3212 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.pericom.com
11/18/14
All trademarks are property of their respective owners.
Features
Î
Î
2 Differential Channel, 2:1 Mux/DeMux
Î
Î
PCI Express® 3.0 performance, 8.0Gbps
Î
Î
Bi-directional operation
Î
Î
3dB Bandwidth: 8.1GHz
Î
Î
Low Bit-to-Bit Skew, 10ps max
Î
Î
Low channel-to-channel skew: 20ps max
Î
Î
Low insertion loss: -1.7dB @4GHz (8.0Gbps)
Î
Î
Low return loss: -13.5dB @4GHz (8.0Gbps)
Î
Î
Low Crosstalk: -32dB@4GHz (8.0Gbps)
Î
Î
Low Off Isolation: -21dB@4GHz (8.0Gbps)
Î
Î
Supply Voltage: 3.3V ± 10%
Î
Î
Low Current: 0.2mA typ.
Î
Î
Packaging (Pb-free & Green):
à
– 20-contact QFN (2.5 × 4.5mm)
Description
Pericom Semiconductor’s PI3PCIE3212 is a PCIe Gen3.0, 8Gbps,
4 to 2 differential, bi-directional channel multiplexer/demulti-
plexer switch. Due to its low bit-to-bit skew, high channel-to-
channel noise isolation and bandwidth, this product is ideal for
PCI Express® 3.0 signal switching at 8.0Gbps.
Application
Switch a PCI Express 3.0 lane output between two PCI Express
lane inputs. Applications include NBs, PCs, servers, and other
embedded devices. Routing of PCI Express 3.0, DP1.2, USB3.0,
SAS2.0, SATA3.0, XAUI, RXAUI signals with low signal attenu-
ation.
Block Diagram
Pin Configuration (Top-side view)
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
A1-
A1+
A0-
A0+
B0-
B0+
C0-
C0+
B1-
B1+
C1-
C1+
SEL
PD
PD
A0+
GND
B0+
B0-
B1+
B1-
C0+
C1+
C1-
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
1
20
10
11
GND
A1+
A1-
SEL
VDD
C0-
A0-
Truth Table
Function
SEL
PD
A to B
L
L
A to C
H
L
All ports Hi-Z, IC Power Down
X
H
14-0011


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn