Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI3PCIE3212 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part No. PI3PCIE3212
Description  3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI3PCIE3212 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PI3PCIE3212
3.3V, PCI Express® 3.0, 1-Lane, 2-Channel,
8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
All trademarks are property of their respective owners.
www.pericom.com
11/18/14
Switching Characteristics
Param-
eters
Description
Test Conditions
Min.
Typ.
Max.
Units
tPZH, tPZL Line Enable Time - SEL to AN, BN, CN
25
30
ns
tPHZ, tPLZ Line Disable Time - SEL to AN, BN, CN
5
25
tPLH
Propagation Delay, LOW to HIGH
17
36
ps
tPHL
Propagation Delay, HIGH to LOW
21
39
ps
tb-b
Bit-to-bit skew within the same differential pair
5
10
ps
tch-ch
Channel-to-channel skew
20
ps
Dynamic Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.1
Max. Units
DDIL2, 3
Differential Insertion Loss
(VIN = -10dBm, DC = 0V)
f = 100MHz
f = 100MHz-1.25GHz
f = 1.25GHz-2.5GHz
f = 2.5GHz-4GHz
f = 5GHz
-0.4
-0.6
-1.0
-1.7
-2.1
dB
DDILOFF2, 3
Differential Off Isolation
f = 100MHz
f = 100MHz-1.25GHz
f = 1.25GHz-2.5GHz
f = 2.5GHz-4GHz
-59
-37
-27
-21
dB
DDRL2
Differential Return Loss
f = 100MHz
f = 100MHz-1.25GHz
f = 1.25GHz-2.5GHz
f = 2.5GHz-4GHz
-27
-23.3
-23.3
-13.5
dB
DDNEXT2, 3 Near End Crosstalk
f = 100MHz
f = 100MHz-1.25GHz
f = 1.25GHz-2.5GHz
f = 2.5GHz-4GHz
-57
-38
-33
-32
dB
BW
-3dB Bandwidth
8.1
GHz
Notes:
1. Guaranteed by design. Typical values are at VDD = 3.3V , TA = 25°C ambient and maximum loading.
2. S parameters are measured with our evaluation board made with Rogers (R04350) material. Trace width is 30 mil, length 540 mil, trace
impedance is 50 Ohm (+/-5%) and total insertion loss of the trace is 0.5dB@4GHz.
3. Measurement done with fixture deembedding.
14-0011


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn